Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 206 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 206 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 202Page - STMicroelectronics UPSD3422 Datasheet HTML 203Page - STMicroelectronics UPSD3422 Datasheet HTML 204Page - STMicroelectronics UPSD3422 Datasheet HTML 205Page - STMicroelectronics UPSD3422 Datasheet HTML 206Page - STMicroelectronics UPSD3422 Datasheet HTML 207Page - STMicroelectronics UPSD3422 Datasheet HTML 208Page - STMicroelectronics UPSD3422 Datasheet HTML 209Page - STMicroelectronics UPSD3422 Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 293 page
background image
PSD module
uPSD34xx
206/293
(FFh). The 8032 may erase the entire Flash memory array all at once, or erase individual
sector-by-sector, but not erase byte-by-byte. However, even though the Flash memories
cannot be erased byte-by-byte, the 8032 may program Flash memory byte-by-byte. This
means the 8032 does not need to program group of bytes (64, 128, etc.) at one time, like
some Flash memories.
Each Flash memory requires the 8032 to send an instruction sequence to program a byte or
to erase sectors (see Table 107 on page 203).
If the byte to be programmed is in a protected Flash memory sector, the instruction
sequence is ignored.
Important note: It is mandatory that a chip-select signal is active for the Flash sector where
a programming instruction sequence is targeted. The user must make sure that the correct
chip-select equation, FSx or CSBOOTx specified in PSDsoft Express matches the address
range that the 8032 firmware is accessing, otherwise the instruction sequence will not be
recognized by the Flash array. If memory paging is used, be sure that the 8032 firmware
sets the page register to the correct page number before issuing an instruction sequence to
the Flash memory segment on a particular memory page, otherwise the correct sector
select signal will not become active.
Once the 8032 issues a Flash memory program or erase instruction sequence, it must
check the status bits for completion. The embedded algorithms that are invoked inside a
Flash memory array provide several ways to give status to the 8032. Status may be checked
using any of three methods: Data Polling, Data Toggle, or Ready/Busy (pin PC3).
Table 108.
Flash Memory Status Bit Definition
Note:
1
X = Not guaranteed value, can be read either '1' or '0.'
2
DQ7-DQ0 represent the 8032 Data Bus Bits, D7-D0.
28.5.10
Data polling
Polling on the Data Polling Flag Bit (DQ7) is a method of checking whether a program or
erase operation is in progress or has completed. Figure 72 shows the Data Polling
algorithm.
When the 8032 issues a program instruction sequence, the embedded algorithm within the
Flash memory array begins. The 8032 then reads the location of the byte to be programmed
in Flash memory to check status. The Data Polling Flag Bit (DQ7) of this location becomes
the compliment of Bit D7 of the original data byte to be programmed. The 8032 continues to
poll this location, comparing the Data Polling Flag Bit (DQ7) and monitoring the Error Flag
Bit (DQ5). When the Data Polling Flag Bit (DQ7) matches Bit D7 of the original data, then
the embedded algorithm is complete. If the Error Flag Bit (DQ5) is '1,' the 8032 should test
the Data Polling Flag Bit (DQ7) again since the Data Polling Flag Bit (DQ7) may have
changed simultaneously with the Error Flag Bit (DQ5) (see Figure 72).
The Error Flag Bit (DQ5) is set if either an internal time-out occurred while the embedded
algorithm attempted to program the byte (indicating a bad Flash cell) or if the 8032
Functional
Block
FSx, or CSBOOTx
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Flash Memory
Active (the desired
segment is selected)
Data
Polling
Toggl
e Flag
Error
Flag
X
Erase
Time-
out
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com