Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 220 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 220 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 216Page - STMicroelectronics UPSD3422 Datasheet HTML 217Page - STMicroelectronics UPSD3422 Datasheet HTML 218Page - STMicroelectronics UPSD3422 Datasheet HTML 219Page - STMicroelectronics UPSD3422 Datasheet HTML 220Page - STMicroelectronics UPSD3422 Datasheet HTML 221Page - STMicroelectronics UPSD3422 Datasheet HTML 222Page - STMicroelectronics UPSD3422 Datasheet HTML 223Page - STMicroelectronics UPSD3422 Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 293 page
background image
PSD module
uPSD34xx
220/293
Figure 77.
Detail of a single OMC
28.5.29
OMC allocator
Outputs of the 16 OMCs can be routed to a combination of pins on Port A (80-pin devices
only), Port B, or Port C as shown in Figure 78. OMCs are routed to port pins automatically
after specifying pin numbers in PSDsoft Express. Routing can occur on a bit-by-bit basis,
spitting OMC assignment between the ports. However, one OMC can be routed to one only
port pin, not both ports.
28.5.30
Product term allocator
Each OMC has a Product Term Allocator as shown in Figure 77 on page 220. PSDsoft
Express uses PT Allocators to give and take product terms to and from other OMCs to fit a
logic design into the available silicon resources. This happens automatically in PSDsoft
Express, but understanding how PT allocation works will help if the logic design does not
“fit”, in which case the user may try selecting a different pin or different OMC for the logic
where more product terms may be available. The following list summarizes how product
terms are allocated to each OMC, as shown in Table 112 on page 221.
●
MCELLAB0-MCELLAB7 each have three native product terms and may borrow up to
six more
●
MCELLBC0-MCELLBC3 each have four native product terms and may borrow up to
five more
●
MCELLBC4-MCELLBC7 each have four native product terms and may borrow up to six
more.
D
CLR
PRE
Q
MUX
MUX
M
U
X
M
U
X
PSDsoft
PSDsoft
OUTPUT MACROCELL (OMC)
PT PRESET (.PR)
FROM AND-OR ARRAY
BORROWED
PTs
PT CLEAR (.RE)
NODE FEEDBACK (.FB)
POLARITY
SELECT,
PSDsoft
PT ALLOCATOR,
DRAWS FROM LOCAL
AND GLOBAL UNUSED
PRODUCT TERMS.
PSDsoft DICTATES.
LENDED
PTs
DATA BIT FROM 8032
DATA BIT TO 8032
INDICATES MCU WRITE
TO PARTICULAR CSIO
OMC REGISTER
MCU OVERRIDES
PT PRESET AND
CLR DURING
MCU WRITE
MCU READ OF
PARTICULAR CSIOP
OMC REGISTER
OMC
OUTPUT
FROM AND-OR ARRAY
TO PLD INPUT BUS
FROM AND-OR ARRAY
NATIVE PTs
ALLOCATED PTs
PT CLOCK (.C)
FROM AND-OR ARRAY
GLOBAL CLOCK (CLKIN)
FROM PLD INPUT BUS
OMC
ALLO-
CATOR
O
U
T
PRODUCT TERMS
FROM OTHER
OMCs
AI06617A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com