Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 228 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 228 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 224Page - STMicroelectronics UPSD3422 Datasheet HTML 225Page - STMicroelectronics UPSD3422 Datasheet HTML 226Page - STMicroelectronics UPSD3422 Datasheet HTML 227Page - STMicroelectronics UPSD3422 Datasheet HTML 228Page - STMicroelectronics UPSD3422 Datasheet HTML 229Page - STMicroelectronics UPSD3422 Datasheet HTML 230Page - STMicroelectronics UPSD3422 Datasheet HTML 231Page - STMicroelectronics UPSD3422 Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 293 page
background image
PSD module
uPSD34xx
228/293
28.5.37
MCU I/O mode
In MCU I/O mode, the 8032 on the MCU Module expands its own I/O by using the I/O Ports
on the PSD Module. The 8032 can read PSD Module I/O pins, set the direction of the I/O
pins, and change the output state of I/O pins by accessing the Data In, Direction, and Data
Out csiop registers respectively at run-time.
To implement MCU I/O mode, each desired pin is specified in PSDsoft Express as MCU I/O
function and given a pin name. Then 8032 firmware is written to set the Direction bit for each
corresponding pin during initialization routines (0 = In, 1 = Out of the chip), then the 8032
firmware simply reads the corresponding Data In register to determine the state of an I/O
pin, or writes to a Data Out register to set the state of a pin. The Direction of each pin may
be changed dynamically by the 8032 if desired. A mixture of input and output pins within a
single port is allowed. Figure 80 on page 226 shows the Data In, Data Out, and Direction
signal paths.
The Data In registers are defined in Table 122 to Table 125. The Data Out registers are
defined in Table 126 to Table 129 on page 229. The Direction registers are defined in
Table 130 to Table 133 on page 230.
Table 122.
MCU I/O mode port A data in register(1) (address = csiop + offset 00h)
Note:
1
Port A not available on 52-pin uPSD34xx devices
2
For each bit, 1 = current state of input pin is logic '1,' 0 = current state is logic ’0’
Table 123.
MCU I/O mode port B data in register (address = csiop + offset 01h)
Note:
For each bit, 1 = current state of input pin is logic '1,' 0 = current state is logic ’0’
Table 124.
MCU I/O mode port C data in register (address = csiop + offset 10h)
Note:
1
X = Not guaranteed value, can be read either '1' or '0.'
2
For each bit, 1 = current state of input pin is logic '1,' 0 = current state is logic ’0’
Table 125.
MCU I/O mode port D Data in register (address = csiop + offset 11h)
Note:
1
X = Not guaranteed value, can be read either '1' or '0.'
2
For each bit, 1 = current state of input pin is logic '1,' 0 = current state is logic ’0’
3
Not available on 52-pin uPSD34xx devices
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2
Bit 1Bit 0
PC7
X
X
PC4
PC3
PC2
X
X
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XX
XX
X
PD2(3)
PD1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com