Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 235 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 235 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 231Page - STMicroelectronics UPSD3422 Datasheet HTML 232Page - STMicroelectronics UPSD3422 Datasheet HTML 233Page - STMicroelectronics UPSD3422 Datasheet HTML 234Page - STMicroelectronics UPSD3422 Datasheet HTML 235Page - STMicroelectronics UPSD3422 Datasheet HTML 236Page - STMicroelectronics UPSD3422 Datasheet HTML 237Page - STMicroelectronics UPSD3422 Datasheet HTML 238Page - STMicroelectronics UPSD3422 Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 293 page
background image
uPSD34xx
PSD module
235/293
mode, making the pin suitable for input mode (read by the input buffer shown in Figure 80 on
page 226). Figure 80 shows the three sources that can control the pin output enable signal:
a product term from AND-OR array; the csiop Direction register; or the Peripheral I/O Mode
logic (Port A only). The csiop Enable Out registers represent the state of the final output
enable signal for each port pin driver, and are defined in Table 140 on page 236 through
Table 143 on page 236.
Table 136.
Port A pin drive select register(1) (address = csiop + offset 08h)
Note:
1
Port A not available on 52-pin uPSD34xx devices
2
For each bit, 1 = pin drive type is selected, 0 = pin drive type is default mode, CMOS
push/pull
3
Default state for register is 00h after reset or power-up
Table 137.
Port B pin drive select register (address = csiop + offset 09h)
Note:
1
For each bit, 1 = pin drive type is selected, 0 = pin drive type is default mode, CMOS
push/pull
2
Default state for register is 00h after reset or power-up
Table 138.
Port C pin drive select register (address = csiop + offset 16h)
Note:
1
For each bit, 1 = pin drive type is selected, 0 = pin drive type is default mode, CMOS
push/pull
2
Default state for register is 00h after reset or power-up
Table 139.
Port D pin drive select register (address = csiop + offset 17h)
Note:
1
For each bit, 1 = pin drive type is selected, 0 = pin drive type is default mode, CMOS
push/pull
2
Default state for register is 00h after reset or power-up
3
Pin is not available on 52-pin uPSD34xx devices
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PA7
Open Drain
PA6
Open Drain
PA5
Open Drain
PA4
Open Drain
PA3
Slew Rate
PA2
Slew Rate
PA1
Slew Rate
PA0
Slew Rate
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PB7
Open Drain
PB6
Open Drain
PB5
Open Drain
PB4
Open Drain
PB3
Slew Rate
PB2
Slew Rate
PB1
Slew Rate
PB0
Slew Rate
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PC7
Open Drain
N/A (JTAG)
N/A (JTAG)
PC4
Open Drain
PC3
Open Drain
PC2
Open Drain
N/A (JTAG)
N/A (JTAG)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
N/A
N/A
N/A
N/A
N/A
PD2(3)
Slew Rate
PD1
Slew Rate
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com