Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 240 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 240 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 236Page - STMicroelectronics UPSD3422 Datasheet HTML 237Page - STMicroelectronics UPSD3422 Datasheet HTML 238Page - STMicroelectronics UPSD3422 Datasheet HTML 239Page - STMicroelectronics UPSD3422 Datasheet HTML 240Page - STMicroelectronics UPSD3422 Datasheet HTML 241Page - STMicroelectronics UPSD3422 Datasheet HTML 242Page - STMicroelectronics UPSD3422 Datasheet HTML 243Page - STMicroelectronics UPSD3422 Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 293 page
background image
PSD module
uPSD34xx
240/293
28.5.50
Port D structure
Port D has two I/O pins (PD1, PD2) on 80-pin uPSD34xx devices, and just one pin (PD1) on
52-pin devices, supporting the following operating modes:
●
MCU I/O Mode
●
DPLD Output Mode for External Chip Selects, ECS1, ECS2. This does not consume
OMCs in the GPLD.
●
PLD Input Mode – direct input to the PLD Input Bus available to DPLD and GPLD. Does
not use IMCs
See Figure 88 on page 241 for detail.
Port D pins can also be configured in PSDsoft as pins for other dedicated functions:
●
PD1 can be used as a common clock input to all 16 OMC Flip-flops (see
Section 28.1.11: OMCs on page 189) and also the Section 28.5.52: Automatic power-
down (APD) on page 245.
●
PD2 can be used as a common chip select signal (CSI) for the Flash and SRAM
memories on the PSD Module (see Section 28.5.54: Chip select input (CSI) on
page 247). If driven to logic ’1’ by an external source, CSI will force all memories into
standby mode regardless of what other internal memory select signals are doing on the
PSD Module. This is specified in PSDsoft as “PSD Chip Select Input, CSI”.
Port D also supports the Fast Slew Rate output drive type option using the csiop Drive
Select registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com