Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 291 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 291 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 285Page - STMicroelectronics UPSD3422 Datasheet HTML 286Page - STMicroelectronics UPSD3422 Datasheet HTML 287Page - STMicroelectronics UPSD3422 Datasheet HTML 288Page - STMicroelectronics UPSD3422 Datasheet HTML 289Page - STMicroelectronics UPSD3422 Datasheet HTML 290Page - STMicroelectronics UPSD3422 Datasheet HTML 291Page - STMicroelectronics UPSD3422 Datasheet HTML 292Page - STMicroelectronics UPSD3422 Datasheet HTML 293Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 291 / 293 page
background image
uPSD34xx
Important notes
291/293
34.12
Incorrect Code Execution when Code Banks are Switched
Description
When a code bank is switched, the PFQ/BC contain values from the previously selected
bank and are not automatically flushed and reloaded from the newly selected code bank.
Impact On Application.
Depending on the contents of the PFQ/BC when the code bank is switched, improper code
execution may result.
Workaround.
The PFQ/BC must be flushed when the code bank is changed. Disabling and re-enabling
the PFQ/BC will flush them. The following instructions are an example of how to flush the
PFQ/BC:
ANL
BUSCON,#03Fh
;Disable PFQ/BC
ORL
BUSCON,#0C0h
;Enable PFQ/BC
Bank switching is typically handled by tool vendors in a file called l51_bank.a51. The uPSD
tools offered by Keil and Raisonance now include an updated version of l51_bank.a51 for
the uPSD products that flushes the PFQ/BC. The most recent banking examples available
from ST's website include the updated l51_bank.a51 files.
34.13
9th Received Data Bit Corrupted in UART Modes 2 and 3
Description.
If the 9th transmit data bit is written by firmware into TB8 at the same time as a received 9th
bit is being written by the hardware into RB8, RB8 is not correctly updated. This applies to
both UART0 and UART1. Typically, the 9th data bit is used as a parity bit to check for data
transmission errors on a byte by byte basis.
Impact on Application.
UART Modes 2 and 3 can't be used reliably in full-duplex mode.
Workaround.
Revision A and B - Some options include:
1.
Only use Mode 1 (8 data bits) for full-duplex communication.
2.
Use Mode 1 and a packet based communication protocol with a checksum or CRC to
detect data transmission errors.
3.
Use UART0 in mode 2 or 3 for transmitting data and UART1 in mode 2 or 3 for
receiving data.
4.
Use some form of handshaking to ensure that data is never transmitted and received
simultaneously on a single UART configured in mode 2 or 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com