| Electronic Components Datasheet Search |
|
TMP93CS40 Datasheet(PDF) 167 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 Datasheet(HTML) 167 Page - Toshiba Semiconductor |
|
167 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-165 Setting example: To drive channel 0 (PG0) using 4-phase 1-2 step excitation (Normal rotation) when timer 0 is selected, set each register as follows. 7 6 5 4 3 2 1 0 TRUN ← − X − − − − − 0 Stop timer 0, and clear it to zero. TMOD ← 0 0 X X − − 01 Set 8-bit timer mode and select φT1 as the input clock for timer 0. TFFCR ← X X X 0 1 0 1 0 Clear TFF1 to zero and enable the inversion trigger using timer 0. TREG0 ← * * * * * * * * Set the cycle in the timer register. P6CR ← − − − − 1 1 1 1 Set bits P60 to P63 to output mode. P6FC ← − − − − 1 1 1 1 Set bits P60 to P63 to PG output. PG01CR ← − − − − 0 0 1 1 Select PG0 4-phase 1 to 2 step excitation mode and normal rotation. PG0REG ← 1 1 0 0 1 0 0 0 Set an initial value. TRUN ← 1 X − − − − − 1 Start timer 0. X: Don’t care, −: No change (3) Trigger signal from timer The trigger signal from the timer used by PG is not the same as the trigger signal for the timer flip-flop (TFF1, TFF4, TFF5, and TFF6); they differ as shown in Table 3.10.1 depending on the operation mode of the timer. Table 3.10.1 Trigger Signal Selection TFF1 Inversion PG Shift 8-bit timer mode Selected by TFFCR<TFF1IS> when the up counter value matches TREG0 or TREG1 value Selected by TFFCR<TFF1IS> when the up counter value matches TREG0 or TREG1 value 16-bit timer mode When the up counter value matches both TREG0 and TREG1 values (the value of up counter = TREG1 × 28 + TREG0) When the up counter value matches both TREG0 and TREG1 values (the value of up counter = TREG1 × 28 + TREG0) PPG output mode When the up counter value matches both TREG0 and TREG1 When the up counter value matches TREG1 value (PPG cycle) PWM output mode When the up counter value matches TREG0 value and PWM cycle Trigger signal for PG is not generated Note: To shift PG, TFFCR<TFF1IE> must be set to 1 to enable TFF1 inversion. Channel 1 of PG can be synchronized with the 16-bit timer timer 4/timer 5. In this case, the PG shift trigger signal from the 16-bit timer is output only when the up counter UC4/UC5 value matches TREG5/TREG7. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |