| Electronic Components Datasheet Search |
|
TMP93CS40 Datasheet(PDF) 171 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS40 Datasheet(HTML) 171 Page - Toshiba Semiconductor |
|
171 / 248 page ![]() TMP93CS40/TMP93CS41 2004-02-10 93CS40-169 The serial channel has buffer registers for temporarily storing transmitted or received data during transmitting and receiving operations. This is so that transmitting and receiving operations can be performed independently (Full duplex). However, in I/O interface mode, the SCLK (Serial clock) pin is used for both transmitting and receiving and the channel becomes half duplex. The receiving data register is a double buffer structure that prevents the occurrence of overrun errors and provides a margin of one frame before the CPU reads the received data. The receiving data register stores the previously received data while the buffer register receives the next frame. By using CTS and RTS (There is no RTS pin, so any single port must be controlled by software), it is possible to halt data transmission until the CPU finishes reading received data wherever a frame is received (The handshake function). In UART mode, an additional check function ensures that erroneous state bits caused by noise do not cause receiving operations to start. The channel starts receiving data only when the start bit is detected properly at least twice out of three samplings of the start bit. When the transmission buffer becomes empty and requests the CPU to send the next transmission data, or when data is stored in the receiving data register and the CPU is requested to read the data, an INTTX (Transmit interrupt) or INTRX (Receive interrupt) interrupt occurs. If an overrun error, parity error or framing error occurs during a receiving operation, the flag SC0CR<OERR, PERR, FERR> is set. The serial channel 0/1 has a special baud rate generator, which can set any baud rate by dividing the frequency of the four clocks ( φT0, φT2, φT8, and φT32) from the 9-bit prescaler (shared by the 8-bit/16-bit timers) by a value from 2 to 16. In I/O interface mode, it is possible to input synchronous signals, as well as transmit or receive data using an external clock. 3.11.1 Control Registers The serial channels are controlled by three control registers: SC0CR, SC0MOD and BR0CR. Transmitted and received data are stored in the register SC0BUF. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |