Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS40 Datasheet(PDF) 192 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 192 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 188Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 189Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 190Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 191Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 192Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 193Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 194Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 195Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 196Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-190
2. Receiving
In SCLK output mode, the synchronous clock is output from the SCLK0 pin and data
are shifted into the receiving buffer 1 whenever the receive interrupt flag
INTES0<IRX0C> is cleared by a read of the received data. When 8-bit data is received,
the data will be transferred to receiving buffer 2 (SC0BUF) according to the timing
shown below and INTES0<IRX0C> will be set again, generating an INTRX0 interrupt.
Figure 3.11.22 Receiving Operation in I/O Interface Mode (SCLK0 output mode)
(Channel 0)
In SCLK input mode, the data are shifted to receiving buffer 1 when the SCLK input
becomes active after the receive interrupt flag INTES0<IRX0C> is cleared by a read of
the received data. When 8-bit data are received, the data will be shifted to receiving
buffer 2 (SC0BUF) according to the timing shown below and INTES0<IRX0C> will be
set again, generating the INTRX0 interrupt.
Figure 3.11.23 Receiving Operation in I/O Interface Mode (SCLK input mode) (Channel 0)
Note:
When receiving data, the system must be put in receive enable state
(SC0MOD<RXE> = 1).
SCLK0 input
(SCLKS
= 0: Rising edge mode)
Bit0
RXD0
Timing to shift data
into receiving
buffer 2
Bit1
Bit6
Bit7
Bit2
Generate
INTRX0
SCLK0 input
(SCLKS
= 1: Falling edge mode)
Bit0
RXD0
Bit1
Bit7
IRX0C
SCLK0
Timing to shift data
into receiving buffer 2
Bit2
Generate
INTRX0
Bit6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com