Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS40 Datasheet(PDF) 195 Page - Toshiba Semiconductor

Part # TMP93CS40
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS40 Datasheet(HTML) 195 Page - Toshiba Semiconductor

Back Button TMP93CS40 Datasheet HTML 191Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 192Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 193Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 194Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 195Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 196Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 197Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 198Page - Toshiba Semiconductor TMP93CS40 Datasheet HTML 199Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-193
Protocol
1. Select 9-bit UART mode for the master and slave controllers.
2. Set the SC0MOD<WU> bit of each slave controller to 1 to enable data receiving.
3. The master controller transmits one-frame data including the 8-bit select code for the
slave controllers. The MSB (bit8)<TB8> is set to “1”.
4. Each slave controller receives the above frame and clears its WU bit to “0” if the above
select code matches its own select code.
5. The master controller transmits data to the specified slave controller (the one whose
SC0MOD<WU> bit is cleared to “0”). The MSB (bit8)<TB8> is cleared to “0”.
6. The other slave controllers (those with their <WU> bits remaining at 1) ignore the
receiving data because their MSBs (bit8 or <RB8>) are set to “0” to disable the INTRX0
interrupt.
Slave controllers (with WU
= 0) can transmit data to the master controller. In this way
they can indicate the end of data reception to the master controller.
8
6
5
4
3
2
1
Bit0
Start
Select code of slave controller
Stop
7
“1”
Bit8
6
5
4
3
2
1
Bit0
Start
Data
Stop
7
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com