Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX3161 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3161
Description  52KHz, 2A PWM Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3161 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3161 Datasheet HTML 1Page - AXElite technology co. ltd AX3161 Datasheet HTML 2Page - AXElite technology co. ltd AX3161 Datasheet HTML 3Page - AXElite technology co. ltd AX3161 Datasheet HTML 4Page - AXElite technology co. ltd AX3161 Datasheet HTML 5Page - AXElite technology co. ltd AX3161 Datasheet HTML 6Page - AXElite technology co. ltd AX3161 Datasheet HTML 7Page - AXElite technology co. ltd AX3161 Datasheet HTML 8Page - AXElite technology co. ltd AX3161 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.16, 2019
AX3161
ORDER INFORMATION
Order Information
AX3161-XX XXX X
Package Type
M5: TO263-5L
Packing
Blank : Tube
A : Taping
50: 5.0V
Blank:ADJ
Output Voltage
Top Marking
ADJ
Logo
Y
AX 3
Part number
ID code:internal
WW:01~52
1 6 1
Y WW X
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
FIX
Logo
3
Y
AX
Part number
ID code:internal
WW:01~52
Output voltage
- 5 0
1 6 1
Y W W X
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Rating
Unit
Maximum Supply Voltage
VCC
+63
V
ON/OFF Pin Input Voltage
VEN
-0.3 to 35
V
Feedback Pin Voltage
VFB
-0.3 to 35
V
Output Voltage to Ground
VOUT
-0.8
V
Power Dissipation Internally limited
PD
( TJ-TA ) / θJA
W
Storage Temperature Range
TST
-65 to +150
°C
Operating Junction Temperature Range
TJ
-40 to +125
°C
Operating Supply Voltage
VOP
+4.5 to +60
V
Thermal Resistance from Junction to case
TO263
θJC
3.5
°C/W
Thermal Resistance from Junction to ambient TO263
θJA
25
°C/W
Note 1: θJA is measured with the PCB copper area (need connect to VSS pins) of approximately 3 in2 (Multi-layer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com