Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX3161 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3161
Description  52KHz, 2A PWM Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3161 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3161 Datasheet HTML 1Page - AXElite technology co. ltd AX3161 Datasheet HTML 2Page - AXElite technology co. ltd AX3161 Datasheet HTML 3Page - AXElite technology co. ltd AX3161 Datasheet HTML 4Page - AXElite technology co. ltd AX3161 Datasheet HTML 5Page - AXElite technology co. ltd AX3161 Datasheet HTML 6Page - AXElite technology co. ltd AX3161 Datasheet HTML 7Page - AXElite technology co. ltd AX3161 Datasheet HTML 8Page - AXElite technology co. ltd AX3161 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.16, 2019
AX3161
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, TA=25°C, VCC=12V. ILOAD = 0.2A)
Characteristics
Symbol
Conditions
Min Typ Max Units
Quiescent Current
IQ
VFB=1.5V for Adjustable
version force driver off
-
4
8
mA
Feedback bias current
IFB
VFB=1.3V
(Adjustable version only)
- -10 -50 nA
Shutdown supply Current
ISD
EN pin=5V
VCC=60V
- 100 200 uA
Oscillator frequency
FOSC
40 52 65 KHz
Oscillator frequency of short
circuit protect
FSCP
(Adjustable) When VFB<0.5V
-
15
-
KHz
(Fixed)When < VOUT*40%
-
15
-
KHz
Max. Duty Cycle (ON)
DC
VFB=0V force driver on
- 100
-
%
Min. Duty Cycle (OFF)
VFB=1.5V for Adjustable
version force driver off
-
0
-
Current limit
ICL
Pear current, No outside circuit
V FB=0V force driver on
2.3
-
-
A
Load Regulation(
△ VOUT/VOUT ) △ VOUT IOUT = 0.2 to 2A
-
0.6 1.2 %
Saturation voltage
VSAT IOUT=2A, No outside circuit
VFB=0V force driver on
-
1.2 1.4
V
SW pin leakage
current
SW Pin=0V
ISW L
No outside circuit
VFB=1.5V for Adjustable
version force driver off
VCC=60V force driver off
-
- -200 uA
SW Pin=-0.8V
-
-5
-
mA
EN pin logic input threshold
voltage
VIL
Low (regulator ON)
-
1.3
0.6
V
VIH
High (regulator OFF)
2.0
-
EN pin logic input current
IH
VEN=2.5V (OFF)
- -0.1 -10 uA
EN pin input current
IL
VEN=0.5V (ON)
- -0.01 -1
uA
Thermal shutdown Temp
TSD
- 150
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com