Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX3161 Datasheet(PDF) 10 Page - AXElite technology co. ltd

Part # AX3161
Description  52KHz, 2A PWM Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3161 Datasheet(HTML) 10 Page - AXElite technology co. ltd

Back Button AX3161 Datasheet HTML 3Page - AXElite technology co. ltd AX3161 Datasheet HTML 4Page - AXElite technology co. ltd AX3161 Datasheet HTML 5Page - AXElite technology co. ltd AX3161 Datasheet HTML 6Page - AXElite technology co. ltd AX3161 Datasheet HTML 7Page - AXElite technology co. ltd AX3161 Datasheet HTML 8Page - AXElite technology co. ltd AX3161 Datasheet HTML 9Page - AXElite technology co. ltd AX3161 Datasheet HTML 10Page - AXElite technology co. ltd AX3161 Datasheet HTML 11Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.16, 2019
AX3161
PACKAGE OUTLINES
TO263-5L
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.06
4.45
4.83
0.16
0.175
0.19
b
0.51
0.76
0.99
0.02
0.03
0.039
C
0.38
0.56
0.74
0.015
0.022
0.029
C2
1.14
1.4
1.65
0.045
0.055
0.065
D
8.38
9.02
9.65
0.33
0.355
0.38
D1
6.0
-
-
0.24
-
-
E
9,65
10.2
10.7
0.38
0.4
0.42
E1
7.3
-
-
0.29
-
-
e
1.70 BSC
0.067 BSC
L
13.9
15
15.9
0.547
0.59
0.625
L1
-
1.98
-
-
0.08
-
L2
-
-
1.68
-
-
0.066
Mold flash shall not exceed 0.005inch per side



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com