Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX3161 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX3161
Description  52KHz, 2A PWM Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3161 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX3161 Datasheet HTML 1Page - AXElite technology co. ltd AX3161 Datasheet HTML 2Page - AXElite technology co. ltd AX3161 Datasheet HTML 3Page - AXElite technology co. ltd AX3161 Datasheet HTML 4Page - AXElite technology co. ltd AX3161 Datasheet HTML 5Page - AXElite technology co. ltd AX3161 Datasheet HTML 6Page - AXElite technology co. ltd AX3161 Datasheet HTML 7Page - AXElite technology co. ltd AX3161 Datasheet HTML 8Page - AXElite technology co. ltd AX3161 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.16, 2019
AX3161
52KHz, 2A PWM Buck DC/DC Converter
GENERAL DESCRIPTION
The AX3161 series are monolithic IC designed for a step-down DC/DC converter, and
own the ability of driving a 2A load without additional transistor. It saves board space. The
external shutdown function can be controlled by logic level and then come into standby
mode. The internal compensation makes feedback control having good line and load
regulation without external design. Regarding protected function, thermal shutdown is to
prevent over temperature operating from damage, and current limit is against over current
operating of the output switch. If current limit function occurs and VFB is down below 0.5V,
the switching frequency will be reduced. An external compensation is easily to system
stable; the low ESR output capacitor can be used.
The AX3161 series operates at a switching frequency of 52KHz thus allow smaller
sized filter components than what would be needed with lower frequency switching
regulators. The output version included fixed 5V, 12V, and an adjustable type. The chips
are available in standard TO263-5L packages.
FEATURES
-
Output voltage: 5V and adjustable output version.
-
Adjustable version output voltage range, 1.23V to 57V.
-
52KHz fixed switching frequency.
-
Voltage mode non-synchronous PWM control.
-
Thermal-shutdown and current-limit protection.
-
ON/OFF shutdown control input.
-
Short Circuit Protect (SCP).
-
Operating voltage can be up to 60V.
-
Output load current: 2A.
-
TO263-5L Pb-Free packages.
-
Low power standby mode.
-
Built-in switching transistor on chip.
-
RoHS and Halogen free compliance.


Similar Part No. - AX3161

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3162 AXELITE-AX3162 Datasheet
1Mb / 10P
PWM Control 2A Step-Down Converter
Rev.1.7 Feb.26, 2015
AX3162 AXELITE-AX3162 Datasheet
779Kb / 10P
PWM Control 2A Step-Down Converter
Rev.2.0 Oct.16, 2019
AX3162/A AXELITE-AX3162/A Datasheet
779Kb / 10P
PWM Control 2A Step-Down Converter
Rev.2.0 Oct.16, 2019
AX3162A AXELITE-AX3162A Datasheet
779Kb / 10P
PWM Control 2A Step-Down Converter
Rev.2.0 Oct.16, 2019
AX3162AES AXELITE-AX3162AES Datasheet
1Mb / 10P
PWM Control 2A Step-Down Converter
Rev.1.7 Feb.26, 2015
More results

Similar Description - AX3161

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576 Datasheet
209Kb / 6P
50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
logo
TECHCODE SEMICONDUCTOR,...
TD2576 TECHCODE-TD2576 Datasheet
1Mb / 18P
3A 52KHz PWM Buck DC/DC Converter
TD2676 TECHCODE-TD2676 Datasheet
589Kb / 15P
2.5A 52KHz 32V PWM Buck DC/DC Converter
TD3111 TECHCODE-TD3111 Datasheet
363Kb / 13P
2.2A 52KHZ 32V PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC2576 FS-FAC2576 Datasheet
584Kb / 16P
3A 52KHZ PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com