Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 139 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 139 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 135Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 136Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 137Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 138Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 139Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 140Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 141Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 142Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 143Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 252 page
background image
Page 127
TMP86FS64FG
12.3.4 Pulse Width Modulation (PWM) Output Mode
The pulse width modulation (PWM) output mode is used to generate the PWM pulse with up to 8 bits of res-
olution by an internal clock.
When a match between the up-counter and the TC5DR value is detected, the logic level output from the
PWM
5 pin becomes low. The up-counter continues counting. When the up-counter overflow occurs, the PWM5
pin becomes high. The INTTC5 interrupt request is generated at this time.
When the timer is stopped, the PWM5 pin is high. Therefore, if the timer is stopped when the PWM5 pin is
low, one PMW cycle may be shorter than the programmed value.
TC5DR is serially connected to the shift register. If TC5DR is programmed during PWM output, the data set
to TC5DR is not shifted until one PWM cycle is completed. Therefore, a pulse can be modulated periodically.
For the first time, the data written to TC5DR is shifted when the timer is started by setting TC5CR<TC5S> to
1.
Note 1: The PWM output mode can be used only in the NORMAL1/2 and IDEL 1/2 modes.
Note 2: In the PWM output mode, program TC5DR immediately after the INTTC5 interrupt request is generated
(typically in the INTTC5 interrupt service routine.) When the programming of TC5DR and the INTTC5 inter-
rupt occur at the same time, an unstable value is shifted, that may result in generation of pulse different
from the programmed value until the next INTTC5 interrupt request is issued.
Figure 12-3 PWM output Mode Timing Chart (TC5)
Internal clock
Shift register
Counter
n
0
?
?
1
n + 1
FF
0
1
n
n + 1
FF
01
m
PWM cycle
Match detect
mp
n
n
m
Data shift
Rewrite
Data shift
Match detect
Match detect
Data shift
n
n
m
Rewrite
Rewrite
PWM5 pin
INTTC5
interrupt request
Timer F/F
TC5DR
TC5CR<TC5S>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com