Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 142 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 142 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 138Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 139Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 140Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 141Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 142Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 143Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 144Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 145Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 146Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 252 page
background image
Page 130
13. 8-Bit TimerCounter 6 (TC6)
13.1 Configuration
TMP86FS64FG
13.2 TimerCounter Control
The TimerCounter 6 is controlled by the TimerCounter 6 control register (TC6CR) and timer registers 6 (TC6DR).
Note 1: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz], *: Don’t care
Note 2: To set the timer registers, the following relationship must be satisfied.
1
≤ TC6DR ≤ 255
Note 3: To start timer operation (TC6S = 0
→ 1) or disable timer operation (TC6S = 1→ 0), do not change the
TC6CR<TC6M, TC6CK> setting. During timer operation (TC6S = 1
→ 1), do not change it, either. If the setting is
programmed during timer operation, counting is not performed correctly.
Note 4: The event counter and PWM output modes are used only in the NOMAL1/2 and IDLE1/2 modes.
Note 5: When the STOP mode is entered, the start control (TC6S) is cleared to “0” automatically.
Note 6: The bit 6 and 7 of TC6CR are read as a don’t care when these bits are read.
Note 7: In the timer, event counter and PDO modes, do not change the TC6DR setting when the timer is running.
Note 8: When the high-frequency clock fc exceeds 10 MHz, do not select the source clock of TC6CK = 110.
Note 9: The operating clock fs can not be used in NORMAL1 or IDEL1 mode (when low-frequency oscillation is stopped.)
Note 10:For available source clocks depending on the operation mode, refer to the following table.
Timer Register and Control Register
TC6DR
(0017)
76
543
21
0
Read/Write (Initial value: 1111 1111)
TC6CR
(0016)
76
543
21
0
TC6S
TC6CK
TC6M
Read/Write (Initial value: **00 0000)
TC6S
TC6 start control
0: Stop and counter clear
1: Start
R/W
TC6CK
TC6 source clock select
[Hz]
NORMAL1/2, IDLE1/2 mode
Divider
SLOW1/2,
SLEEP1/2
mode
R/W
DV7CK
= 0DV7CK = 1
DV1CK
= 0DV1CK = 1DV1CK = 0DV1CK = 1
000
fc/211
fc/212
fs/23
fs/23
DV9
fs/23
001
fc/27
fc/28
fc/27
fc/28
DV5
–
010
fc/25
fc/26
fc/25
fc/26
DV3
–
011
fc/23
fc/24
fc/23
fc/24
DV1
–
100
fc/22
fc/23
fc/22
fc/23
––
101
fc/2
fc/22
fc/2
fc/22
––
110
fc
fc/2
fc
fc/2
–
–
111
External clock (TC6 pin input)
TC6M
TC6 operating mode
select
00: Timer/event counter mode
01: Reserved
10: Programmable divider output (PDO) mode
11: Pulse width modulation (PWM) output mode
R/W
TC6CK
Timer Mode
Event Counter Mode
PDO Mode
PWM Mode
000
O
−
O
−
001
O
−
O
−
010
O
−
O
−
011
O
−−
O
100
−
−−
O
101
−−−
O
110
−−
−
O
111
−
O
−
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com