Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 146 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 146 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 142Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 143Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 144Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 145Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 146Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 147Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 148Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 149Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 150Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 252 page
background image
Page 134
13. 8-Bit TimerCounter 6 (TC6)
13.1 Configuration
TMP86FS64FG
13.3.3 Programmable Divider Output (PDO) Mode
The programmable divider output (PDO) mode is used to generated a pulse with a 50% duty cycle by count-
ing with the internal clock.
When a match between the up-counter and the TC6DR value is detected, the logic level output from the
PDO6 pin is switched to the opposite state and INTTC6 interrupt request is generated. The up-counter is
cleared at this time and then counting is continued. When a match between the up-counter and the TC6DR
value is detected, the logic level output from the PDO6 pin is switched to the opposite state again and INTTC6
interrupt request is generated. The up-counter is cleared at this time, and then counting and PDO are continued.
When the timer is stopped, the PDO6 pin is high. Therefore, if the timer is stopped when the PDO6 pin is
low, the duty pulse may be shorter than the programmed value.
Figure 13-2 PDO Mode Timing Chart
Example :Generating 1024 Hz pulse (fc = 16.0 Mhz)
LD
(TC6CR), 00000110B
: Sets the PDO mode. (TC6M
= 10, TC6CK = 001)
LD
(TC6DR), 3DH
: 1/1024
÷ 27/fc ÷ 2 (half cycle period) = 3DH
LD
(TC6CR), 00100110B
: Start TC6
Internal clock
Counter
Match detect
0
12
n
0
12
n 0
1
2
n 01
2
n 0
1
n
TC6DR
PDO6 pin
INTTC6 interrupt
request
Timer F/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com