Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 147 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 147 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 143Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 144Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 145Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 146Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 147Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 148Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 149Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 150Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 151Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 252 page
background image
Page 135
TMP86FS64FG
13.3.4 Pulse Width Modulation (PWM) Output Mode
The pulse width modulation (PWM) output mode is used to generate the PWM pulse with up to 8 bits of res-
olution by an internal clock.
When a match between the up-counter and the TC6DR value is detected, the logic level output from the
PWM
6 pin becomes low. The up-counter continues counting. When the up-counter overflow occurs, the PWM6
pin becomes high. The INTTC6 interrupt request is generated at this time.
When the timer is stopped, the PWM6 pin is high. Therefore, if the timer is stopped when the PWM6 pin is
low, one PMW cycle may be shorter than the programmed value.
TC6DR is serially connected to the shift register. If TC6DR is programmed during PWM output, the data set
to TC6DR is not shifted until one PWM cycle is completed. Therefore, a pulse can be modulated periodically.
For the first time, the data written to TC6DR is shifted when the timer is started by setting TC6CR<TC6S> to
1.
Note 1: The PWM output mode can be used only in the NORMAL1/2 and IDEL 1/2 modes.
Note 2: In the PWM output mode, program TC6DR immediately after the INTTC6 interrupt request is generated
(typically in the INTTC6 interrupt service routine.) When the programming of TC6DR and the INTTC6 inter-
rupt occur at the same time, an unstable value is shifted, that may result in generation of pulse different
from the programmed value until the next INTTC6 interrupt request is issued.
Figure 13-3 PWM output Mode Timing Chart (TC6)
Internal clock
Shift register
Counter
n
0
?
?
1
n + 1
FF
0
1
n
n + 1
FF
01
m
PWM cycle
Match detect
mp
n
n
m
Data shift
Rewrite
Data shift
Match detect
Match detect
Data shift
n
n
m
Rewrite
Rewrite
PWM6 pin
INTTC6
interrupt request
Timer F/F
TC6DR
TC6CR<TC6S>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com