Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 163 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 163 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 159Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 160Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 161Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 162Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 163Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 164Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 165Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 166Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 167Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 252 page
background image
Page 151
TMP86FS64FG
Figure 15-4 External clock pulse width
15.3.2 Shift edge
The leading edge is used to transmit, and the trailing edge is used to receive.
15.3.2.1 Leading edge
Transmitted data are shifted on the leading edge of the serial clock (falling edge of the SCK1 pin input/
output).
15.3.2.2 Trailing edge
Received data are shifted on the trailing edge of the serial clock (rising edge of the SCK1 pin input/out-
put).
Figure 15-5 Shift edge
15.4 Number of bits to transfer
Either 4-bit or 8-bit serial transfer can be selected. When 4-bit serial transfer is selected, only the lower 4 bits of
the transmit/receive data buffer register are used. The upper 4 bits are cleared to “0” when receiving.
The data is transferred in sequence starting at the least significant bit (LSB).
15.5 Number of words to transfer
Up to 8 words consisting of 4 bits of data (4-bit serial transfer) or 8 bits (8-bit serial transfer) of data can be trans-
ferred continuously. The number of words to be transferred can be selected by SIO1CR2<BUF>.
tSCKL tSCKH
tcyc = 4/fc (In the NORMAL1/2, IDLE1/2 modes)
4/fs (In the SLOW1/2, SLEEP1/2 modes)
tSCKL, tSCKH > 4tcyc
SCK1
pin (Output)
Bit 1
Bit 2
Bit 3
*321
3210
**32
***3
Bit 0
Shift register
Shift register
Bit 1
Bit 0
Bit 2
Bit 3
0***
****
210*
10**
3210
(a) Leading edge
(b) Trailing edge
*; Don’t care
SO1 pin
SI1 pin
SCK1 pin
SCK1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com