Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 166 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 166 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 162Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 163Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 164Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 165Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 166Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 167Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 168Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 169Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 170Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 252 page
background image
Page 154
15. Synchronous Serial Interface (SIO1)
15.6 Transfer Mode
TMP86FS64FG
Figure 15-8 Transfer Mode (Example: 8bit, 1word transfer, External clock)
Figure 15-9 Transmiiied Data Hold Time at End of Transfer
15.6.2 4-bit and 8-bit receive modes
After setting the control registers to the receive mode, set SIO1CR1<SIOS> to “1” to enable receiving. The
data are then transferred to the shift register via the SI pin in synchronous with the serial clock. When one word
of data has been received, it is transferred from the shift register to the data buffer register (DBR). When the
number of words specified with the SIO1CR2<BUF> has been received, an INTSIO1 (Buffer full) interrupt is
generated to request that these data be read out. The data are then read from the data buffer registers by the
interrupt service program.
When the internal clock is used, and the previous data are not read from the data buffer register before the
next data are received, the serial clock will stop and an automatic-wait will be initiated until the data are read.
A wait will not be initiated if even one data word has been read.
Note:Waits are also canceled by reading a DBR not being used as a received data buffer register is read; therefore,
during SIO1 do not use such DBR for other applications.
a1
a2
a3
a4
a5
a6
a7
b0
b1
b2
b3
b4
b5
b6
b7
a0
DBR
b
a
Clear SIOS
Write
(a)
Write
(b)
SCK1 pin
(Input)
SO1 pin
INTSIO1 interrupt
SIO1CR1<SIOS>
SIO1SR<SIOF>
SIO1SR<SEF>
MSB of last word
tSODH = min 3.5/fc [s] ( In the NORMAL1/2, IDLE1/2 modes)
tSODH = min 3.5/fs [s] (In the SLOW1/2, SLEEP1/2 modes)
SCK1 pin
SO1 pin
SIO1SR<SIOF>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com