Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 228 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 228 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 224Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 225Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 226Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 227Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 228Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 229Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 230Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 231Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 232Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 252 page
background image
Page 216
20. Serial PROM Mode
20.9 Intel Hex Format (Binary)
TMP86FS64FG
20.9 Intel Hex Format (Binary)
1. After receiving the checksum of a data record, the device waits for the start mark (3AH “:”) of the next data
record. After receiving the checksum of a data record, the device ignores the data except 3AH transmitted
by the external controller.
2. After transmitting the checksum of end record, the external controller must transmit nothing, and wait for
the 2-byte receive data (upper and lower bytes of the checksum).
3. If a receiving error or Intel Hex format error occurs, the device enters the halt condition without returning
an error code to the external controller. The Intel Hex format error occurs in the following case:
When the record type is not 00H, 01H, or 02H
When a checksum error occurs
When the data length of an extended record (record type = 02H) is not 02H
When the device receives the data record after receiving an extended record (record type = 02H) with
extended address of 1000H or larger.
When the data length of the end record (record type = 01H) is not 00H
20.10Passwords
The consecutive eight or more-byte data in the flash memory area can be specified to the password.
TMP86FS64FG compares the data string specified to the password with the password string transmitted from the
external controller. The area in which passwords can be specified is located at addresses 1000H to FF9FH. The area
from FFA0H to FFFFH can not be specified as the passwords area.
If addresses from FFE0H through FFFFH are filled with “FFH”, the passwords are not compared because the
product is considered as a blank product. Even in this case, the password count storage addresses and password
comparison start address must be specified. Table 20-16 shows the password setting in the blank product and non-
blank product.
Note 1: When addresses from FFE0H through FFFFH are filled with “FFH”, the product is recognized as a blank product.
Note 2: The data including the same consecutive data (three or more bytes) can not be used as a password. (This causes a pass-
word error data. TMP86FS64FG transmits no data and enters the halt condition.)
Note 3: *: Don’t care.
Note 4: When the above condition is not met, a password error occurs. If a password error occurs, the device enters the halt con-
dition without returning the error code.
Note 5: In the flash memory writing mode or RAM loader mode, the blank product receives the Intel Hex format data immediately
after receiving PCSA without receiving password strings. In this case, the subsequent processing is performed correctly
because the blank product ignores the data except the start mark (3AH “:”) as the Intel Hex format data, even if the exter-
nal controller transmits the dummy password string. However, if the dummy password string contains “3AH”, it is detected
as the start mark erroneously. The microcontroller enters the halt mode. If this causes the problem, do not transmit the
dummy password strings.
Note 6: In the flash memory erasing mode, the external controller must not transmit the password string for the blank product.
Table 20-16 Password Setting in the Blank Product and Non-Blank Product
Password
Blank Product (Note 1)
Non-Blank Product
PNSA
(Password count storage address)
1000H
≤ PNSA ≤ FF9FH
1000H
≤ PNSA ≤ FF9FH
PCSA
(Password comparison start address)
1000H
≤ PCSA ≤ FF9FH
1000H
≤ PCSA ≤ FFA0 - N
N
(Password count)
*8
≤ N
Password string setting
Not required (Note 5)
Required (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com