Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 232 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 232 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 228Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 229Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 230Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 231Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 232Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 233Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 234Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 235Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 236Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 252 page
background image
Page 220
20. Serial PROM Mode
20.13 Specifying the Erasure Area
TMP86FS64FG
20.13Specifying the Erasure Area
In the flash memory erasing mode, the erasure area of the flash memory is specified by n
−2 byte data.
The start address of an erasure area is specified by ERASTA, and the end address is specified by ERAEND.
If ERASTA is equal to or smaller than ERAEND, the sector erase (erasure in 4 kbyte units) is executed. Executing
the sector erase while the read protection is enabled results in an infinite loop.
If ERASTA is larger than ERAEND, the chip erase (erasure of an entire flash memory area) is executed and the
read protection is disabled. Therefore, execute the chip erase (not sector erase) to disable the read protection.
Note: When the sector erase is executed for the area containing no flash cell, TMP86FS64FG stops the UART communi-
cation and enters the halt condition.
20.14Port Input Control Register
In the serial PROM mode, the input level is fixed to the all ports except P45 and P44 ports with a hardware feature
to prevent overlap current to unused ports. (All port inputs and peripheral function inputs shared with the ports
become invalid.) Therefore, to access to the flash memory in the RAM loader mode without UART communication,
port inputs must be valid. To make port inputs valid, set the pin of the port input control register (SPCR) to “1”.
The SPCR register is not operated in the MCU mode.
Erasure Area Specification Data (n
−2 byte data)
765
43210
ERASTA
ERAEND
ERASTA
The start address of the
erasure area
0000:
0001:
0010:
0011:
0100:
0101:
0110:
0111:
1000:
1001:
1010:
1011:
1100:
1101:
1110:
1111:
from 0000H
from 1000H
from 2000H
from 3000H
from 4000H
from 5000H
from 6000H
from 7000H
from 8000H
from 9000H
from A000H
from B000H
from C000H
from D000H
from E000H
from F000H
ERAEND
The end address of the
erasure area
0000:
0001:
0010:
0011:
0100:
0101:
0110:
0111:
1000:
1001:
1010:
1011:
1100:
1101:
1110:
1111:
to 0FFFH
to 1FFFH
to 2FFFH
to 3FFFH
to 4FFFH
to 5FFFH
to 6FFFH
to 7FFFH
to 8FFFH
to 9FFFH
to AFFFH
to BFFFH
to CFFFH
to DFFFH
to EFFFH
to FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com