Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 237 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 237 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 233Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 234Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 235Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 236Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 237Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 238Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 239Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 240Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 241Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 252 page
background image
Page 225
TMP86FS64FG
21. Input/Output Circuitry
21.1 Control Pins
The input/output circuitries of the TMP86FS64FG control pins are shown below.
Note: The TEST pin of the TMP86PS64 does not have a pull-down resistor. Fix the TEST pin at low-level in MCU mode.
Control Pin
I/O
Input/Output Circuitry
Remarks
XIN
XOUT
Input
Output
Resonator connecting pins
(high-frequency)
Rf = 1.2 MΩ (typ.)
RO = 1.5 kΩ (typ.)
XTIN
XTOUT
Input
Output
Resonator connecting pins
(Low-frequency)
Rf = 6 MΩ (typ.)
RO = 220 kΩ (typ.)
RESET
Input
Hysteresis input
Pull-up resistor
RIN = 220 kΩ (typ.)
R
= 1 kΩ (typ.)
TEST
Input
Without pull-down resistor
R
= 1 kΩ (typ.)
Fix the TEST pin at low-level in
MCU mode.
fc
Rf
RO
Osc. enable
XIN
XOUT
VDD
VDD
fs
Rf
RO
Osc. enable
XTIN
XTOUT
VDD
XTEN
VDD
R
RIN
VDD
VDD
R
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com