Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 239 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 239 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 235Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 236Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 237Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 238Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 239Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 240Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 241Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 242Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 243Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 252 page
background image
Page 227
TMP86FS64FG
22. Electrical Characteristics
22.1 Absolute Maximum Ratings
The absolute maximum ratings are rated values which must not be exceeded during operation, even for an instant.
Any one of the ratings must not be exceeded. If any absolute maximum rating is exceeded, a device may break down
or its performance may be degraded, causing it to catch fire or explode resulting in injury to the user. Thus, when
designing products which include this device, ensure that no absolute maximum rating value will ever be exceeded.
(VSS = 0 V)
Parameter
Symbol
Pins
Ratings
Unit
Supply voltage
VDD
-0.3 to 6.5
V
Input voltage
VIN
-0.3 to VDD + 0.3
V
Output voltage
VOUT
-0.3 to VDD + 0.3
V
Output current (Per 1 pin)
IOUTH
Except Nch Open Drain Port
-3.2
mA
IOUT1
Except P5 and P9 ports
3.2
IOUT2
P5 and P9 ports
30
Output current (Total)
Σ IOUT1
Except P5 and P9 ports
60
Σ IOUT2
P5 and P9 ports
80
Power dissipation [Topr = 85
°C]
PD
250
mW
Soldering temperature (time)
Tsld
260 (10 s)
°C
Storage temperature
Tstg
-55 to 125
Operating temperature
Topr
-40 to 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com