Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS44UG Datasheet(PDF) 58 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 58 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 54Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 55Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 56Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 57Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 58Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 59Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 60Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 61Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 62Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 172 page
background image
Page 48
5. I/O Ports
TMP86CS44UG
5.1 Port P0 (P07 to P00)
Port P0 is an 8-bit input/output port which is also used as an external interrupt input, serial interface input/output
and timer/counter input/output.
When used as an input port or a secondary function pins, the respective output latch (P0DR) should be set to “1”.
When used as an output port, the respective P0DR bit should be set data. During reset, the output latch is initialized
to “1”.
P0 port output latch (P0DR) and P0 port terminal input (P0PRD) are located on their respective address.
When read the output latch data, the P0DR should be read and when read the terminal input data, the P0PRD reg-
ister should be read. P00 port (INT0) can be configured as either an I/O port or as external interrupt input with
INT0EN (bit 6 in EINTCR). During reset, P00 port (INT0) is configured as an input port.
Figure 5-2 Port P0
P0DR
(0000H)
R/W
76
543
21
0
P07
INT4
P06
SCK
P05
SI
P04
SO
P03
TXD
P02
RXD
P01
PWM4
PDO4
PPG4
TC4
P00
INT0
(Initial value: 1111 1111)
P0PRD
(0008H)
Read only
76
543
21
0
P07
P06
P05
P04
P03
P02
P01
P00
Output latch
Port data (P0PRD)
Data output
Control output
STOP
OUTEN
Output latch data (P0DR)
Control input
P0i
Note:i=7 to 0
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com