Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS44UG Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 11Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 12Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 13Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 14Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 15Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 16Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 17Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 18Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 172 page
background image
Page 5
TMP86CS44UG
1.4 Pin Names and Functions
Table 1-1 Pin Names and Functions(1/2)
Pin Name
Pin Number
Input/Output
Functions
P07
INT4
17
IO
I
PORT07
External interrupt 4 input
P06
SCK
16
IO
IO
PORT06
Serial clock input/output
P05
SI
15
IO
I
PORT05
Serial data input
P04
SO
14
IO
O
PORT04
Serial data output
P03
TXD
13
IO
O
PORT03
UART data output
P02
RXD
12
IO
I
PORT02
UART data input
P01
PDO4/PWM4/PPG4
TC4
11
IO
O
I
PORT01
PDO4/PWM4/PPG4 output
TC4 input
P00
INT0
10
IO
I
PORT00
External interrupt 0 input
P17
18
IO
PORT17
P16
TC2
19
IO
I
PORT16
TC2 input
P15
INT3
20
IO
I
PORT15
External interrupt 3 input
P14
PPG
21
IO
O
PORT14
PPG output
P13
DVO
22
IO
O
PORT13
Divider Output
P12
INT2
TC1
23
IO
I
I
PORT12
External interrupt 2 input
TC1 input
P11
INT1
24
IO
I
PORT11
External interrupt 1 input
P10
PDO3/PWM3
TC3
25
IO
O
I
PORT10
PDO3/PWM3 output
TC3 input
P22
XTOUT
7
IO
O
PORT22
Resonator connecting pins(32.768kHz) for inputting external
clock
P21
XTIN
6
IO
I
PORT21
Resonator connecting pins(32.768kHz) for inputting external
clock
P20
STOP
INT5
9
IO
I
I
PORT20
STOP mode release signal input
External interrupt 5 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com