| Electronic Components Datasheet Search |
|
TMP86CS44UG Datasheet(PDF) 157 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86CS44UG Datasheet(HTML) 157 Page - Toshiba Semiconductor |
|
157 / 172 page ![]() Page 147 TMP86CS44UG 15. Key-on Wakeup (KWU) In the TMP86CS44UG, the STOP mode is released by not only P20(INT5/STOP) pin but also four (STOP2 to STOP5) pins. When the STOP mode is released by STOP2 to STOP5 pins, the STOP pin needs to be used. In details, refer to the following section " 15.2 Control ". 15.1 Configuration Figure 15-1 Key-on Wakeup Circuit 15.2 Control STOP2 to STOP5 pins can controlled by Key-on Wakeup Control Register (STOPCR). It can be configured as enable/disable in 1-bit unit. When those pins are used for STOP mode release, configure corresponding I/O pins to input mode by I/O port register beforehand. 15.3 Function Stop mode can be entered by setting up the System Control Register (SYSCR1), and can be exited by detecting the "L" level on STOP2 to STOP5 pins, which are enabled by STOPCR, for releasing STOP mode (Note1). Key-on Wakeup Control Register STOPCR 76 54 3 2 1 0 (0031H) STOP5 STOP4 STOP3 STOP2 (Initial value: 0000 ****) STOP5 STOP mode released by STOP5 0:Disable 1:Enable Write only STOP4 STOP mode released by STOP4 0:Disable 1:Enable Write only STOP3 STOP mode released by STOP3 0:Disable 1:Enable Write only STOP2 STOP mode released by STOP2 0:Disable 1:Enable Write only STOPCR INT5 STOP STOP mode release signal (1: Release) (0031H) STOP2 STOP3 STOP4 STOP5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |