Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS44UG Datasheet(PDF) 165 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 165 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 161Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 162Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 163Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 164Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 165Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 166Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 167Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 168Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 169Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 172 page
background image
Page 155
TMP86CS44UG
17.5 DA Conversion Characteristics
Note 1: In linearity error measurements, the first code (00H, 01H) and the last code (FEH, FFH) are excluded.
Note 2: DA converter power consumption
Note 3: DAO current drive capability
(VSS = 0 V, VDD = 4.5 to 5.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
AVDD
AVDD = VDD
4.5
–
5.5
V
AVSS
AVSS = VSS
VSS
–
VSS
Resolution
––8
Bits
Linearity error (Note1)
AVDD = VDD = 4.5 to 5.5 V
AVSS = VSS = 0 V
Load conditions 5 pF, 10 M
Ω
––
±5LSB
Settling time
4ms
Reference current
(DA power consumption) (Note2)
IDREF
No load, VDD = 5.5 V, fc = 16 MHz
–
350
500
μA
DAO output current (Note3)
IDAO
AVDD = VDD = 4.5 V
AVSS = VSS = 0 V
No load 0.5 V bias when inputting
7FH
14
19
–
(VSS = 0 V, VDD = 2.7 to 4.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
AVDD
AVDD = VDD
2.7
–
4.5
V
AVSS
AVSS = VSS
VSS
–
VSS
Resolution
––8
Bits
Linearity error (Note1)
AVDD = VDD = 2.7 to
4.5 V
AVSS = VSS = 0 V
Load conditions
5 pF, 10 M
Ω
−10°C ≤ Ta
≤ 85°C
––
+5
LSB
−8
−40°C ≤ Ta
<
−10°C
––
+5
−26
Settling time
6ms
Reference current
(DA power consumption) (Note2)
IDREF
No load, VDD = 2.7 V, fc = 8 MHz
–
200
300
μA
DAO output current (Note3)
IDAO
AVDD = VDD = 2.7 V
AVSS = VSS = 0 V
No load 0.5 V bias when inputting 7FH
0.4
5.3
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com