Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS64AFG Datasheet(PDF) 155 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 155 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 151Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 152Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 153Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 154Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 155Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 156Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 157Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 158Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 159Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 202 page
background image
Page 145
TMP86CS64AFG
15. Synchronous Serial Interface (SIO1)
The TMP86CS64AFG has a clocked-synchronous 8-bit serial interface. Serial interface has an 8-byte transmit and
receive data buffer that can automatically and continuously transfer up to 64 bits of data.
Serial interface is connected to outside peripherl devices via SO1, SI1, SCK1 port.
15.1 Configuration
Figure 15-1 Serial Interface
SIO control / status register
Serial clock
Shift
clock
Shift register
3
2
1
0
7
6
5
4
Transmit and
receive data buffer
(8 bytes in DBR)
Control circuit
CPU
Serial data output
Serial data input
8-bit transfer
4-bit transfer
Serial clock I/O
Buffer control
circuit
SO1
SI1
SCK1
SIO1CR2
SIO1CR1
SIO1SR
INTSIO1 interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com