Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPR
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM1774RGPR Datasheet HTML 35Page - Texas Instruments PCM1774RGPR Datasheet HTML 36Page - Texas Instruments PCM1774RGPR Datasheet HTML 37Page - Texas Instruments PCM1774RGPR Datasheet HTML 38Page - Texas Instruments PCM1774RGPR Datasheet HTML 39Page - Texas Instruments PCM1774RGPR Datasheet HTML 40Page - Texas Instruments PCM1774RGPR Datasheet HTML 41Page - Texas Instruments PCM1774RGPR Datasheet HTML 42Page - Texas Instruments PCM1774RGPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
Register 95
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 95
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
3DEN
RSV
3FL0
3DP3
3DP2
3DP1
3DP0
IDX[6:0]: 101 1111b (5Fh): Register 95
3DEN: 3-D Sound Effect Enable
Default value: 0
This bit is used for enabling the 3-D sound effect filter. This filter has two independently controlled parameters.
3DEN = 0
Disable (default)
3DEN = 1
Enable
3FL0: Filter Selection for 3-D Sound
Default value: 0
This bit is used for selecting from two types of filter, narrow and wide. These filters have a different 3-D
performance effect.
3FL0 = 0
Narrow (default)
3FL0 = 1
Wide
3DP[3:0]: Efficiency for 3-D Sound Effects
Default value: 0000
These bits are used for adjusting the 3-D sound efficiency. Higher percentages have greater efficiency.
3DP[3:0]
3D Sound Effect Efficiency
0 0 0 0
0% (default)
0 0 0 1
10%
0 0 1 0
20%
0 0 1 1
30%
0 1 0 0
40%
0 1 0 1
50%
0 1 1 0
60%
0 1 1 1
70%
1 0 0 0
80%
1 0 0 1
90%
1 0 1 0
100%
1 0 1 1
Reserved
:
:
1 1 1 1
Reserved
39
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com