Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPR
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1774RGPR Datasheet HTML 5Page - Texas Instruments PCM1774RGPR Datasheet HTML 6Page - Texas Instruments PCM1774RGPR Datasheet HTML 7Page - Texas Instruments PCM1774RGPR Datasheet HTML 8Page - Texas Instruments PCM1774RGPR Datasheet HTML 9Page - Texas Instruments PCM1774RGPR Datasheet HTML 10Page - Texas Instruments PCM1774RGPR Datasheet HTML 11Page - Texas Instruments PCM1774RGPR Datasheet HTML 12Page - Texas Instruments PCM1774RGPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
www.ti.com
0
20
40
60
80
100
120
2
2.5
3
3.5
4
PowerSupply-V
Vol=6dB
Vol=0dB
f
=1kHz
IN
0.01
0.1
1
10
100
0
20
40
60
80
100
120
P
-OutputPower-mW
O
2.4V
3.3V
3.6V
f
=1kHz
IN
2.7V
-140
-120
-100
-80
-60
-40
-20
0
0
5
10
15
20
f-Frequency-kHz
f
=1kHz/ –60dB
IN
0.01
0.1
1
0
20
40
60
80
P
-OutputPower-mW
O
2.4V
2.7V
3.3V
3.6V
f
=1kHz
IN
PCM1774
SLAS551 – JULY 2007
TYPICAL PERFORMANCE CURVES (continued)
All specifications at TA = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 16-bit data, unless
otherwise noted.
OUTPUT POWER vs POWER SUPPLY
THD+N vs OUTPUT POWER
(HEADPHONE, 16-
Ω)
(HEADPHONE, 16-
Ω, VOLUME = 6 dB)
Figure 9.
Figure 10.
THD+N vs OUTPUT POWER
OUTPUT SPECTRUM (DAC TO HEADPHONE OUTPUT,
(HEADPHONE, 16-
Ω, VOLUME = 0 dB)
16-
Ω)
Figure 11.
Figure 12.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com