Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPR Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPR
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPR Datasheet(HTML) 42 Page - Texas Instruments

Back Button PCM1774RGPR Datasheet HTML 38Page - Texas Instruments PCM1774RGPR Datasheet HTML 39Page - Texas Instruments PCM1774RGPR Datasheet HTML 40Page - Texas Instruments PCM1774RGPR Datasheet HTML 41Page - Texas Instruments PCM1774RGPR Datasheet HTML 42Page - Texas Instruments PCM1774RGPR Datasheet HTML 43Page - Texas Instruments PCM1774RGPR Datasheet HTML 44Page - Texas Instruments PCM1774RGPR Datasheet HTML 45Page - Texas Instruments PCM1774RGPR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
www.ti.com
CONNECTION DIAGRAMS
C3
Stereo
Headphone
To Regulator
C1
2
C
PullDownorUp
SCKI
BCK
LRCK
DIN
MODE
MS/ADR
PCM1774
V
COM
AIN1L
AIN1R
HPOR/LOR
HPOL/LOL
C6
C7
DGND
C4
C5
C9
C8
MD/SDA
MC/SCL
9
10
11
5
2
3
4
1
20
19
16
V
IO
V
DD
V
CC
AGND
V
PA
PGND
6
7
8
18
17
13
12
15
14
+
+
HPOL
HPOR
CL
CR
CR
16 W
16 W
+
+
HPOL
HPOR
CL
16 W
16 W
4.7 W
4.7 W
10
995
47
212
100
100
220
45
C ,C
– F
L
R
m
f
– Hz
C
10
770
47
163
100
77
220
35
C ,C
– F
L
R
m
f
– Hz
C
S0223-01
PCM1774
SLAS551 – JULY 2007
Figure 24. Connection Diagram
Table 12. Recommended External Parts
C1–C2
1
μF
C3
1–4.7
μF
C4
0.1
μF
C5, C6, C7
1–4.7
μF
C8, C9
10–220
μF
Figure 25. High-Pass Filter for Headphone Output
42
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com