Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1774RGPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1774RGPR
Description  16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1774RGPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM1774RGPR Datasheet HTML 22Page - Texas Instruments PCM1774RGPR Datasheet HTML 23Page - Texas Instruments PCM1774RGPR Datasheet HTML 24Page - Texas Instruments PCM1774RGPR Datasheet HTML 25Page - Texas Instruments PCM1774RGPR Datasheet HTML 26Page - Texas Instruments PCM1774RGPR Datasheet HTML 27Page - Texas Instruments PCM1774RGPR Datasheet HTML 28Page - Texas Instruments PCM1774RGPR Datasheet HTML 29Page - Texas Instruments PCM1774RGPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
www.ti.com
PCM1774
SLAS551 – JULY 2007
Register 70
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 70
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
DEM1
DEM0
PFM1
PFM0
SPX1
SPX0
RSV
OVER
IDX[6:0]: 100 0110b (46h): Register 70
DEM[1:0]: De-Emphasis Filter Selection
Default value: 00
A digital de-emphasis filter is in front of the interpolation filter. One of three de-emphasis filters can be selected
corresponding to the sampling rate, 32 kHz, 44.1 kHz, or 48 kHz.
DEM[1:0]
De-Emphasis Filter Selection
00
OFF (default)
01
32 kHz
10
44.1 kHz
11
48 kHz
PFM[1:0]: Audio Interface Selection for DAC (Digital Input)
Default value: 00
The audio interface for the DAC digital input has I2S, right-justified, left-justified, and DSP formats.
PFM[1:0]
Audio Interface Selection for DAC Digital Input
00
I2S format (default)
01
Right-justified format
10
Left-justified format
11
DSP format
SPX[1:0]: Digital Gain Control for DAC Input
Default value: 00
These bits are used to gain up the digital input data.
SPX[1:0]
Digital Gain Control for DAC input
00
0 dB (default)
01
6 dB
10
12 dB
11
18 dB
OVER: Oversampling Control for Delta-Sigma DAC
Default value: 0
This bit is used to control the oversampling rate of delta-sigma DAC. When the PCM1774 operates at low
sampling rates (less than 24 kHz) and the SCKI frequency is less than 12.5 MHz, OVER = 1 is recommended.
OVER = 0
128 fS (default)
OVER = 1
192 fS, 256 fS, 384 fS
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com