Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1044AI Datasheet(PDF) 23 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 19Page - Texas Instruments TUSB1044AI Datasheet HTML 20Page - Texas Instruments TUSB1044AI Datasheet HTML 21Page - Texas Instruments TUSB1044AI Datasheet HTML 22Page - Texas Instruments TUSB1044AI Datasheet HTML 23Page - Texas Instruments TUSB1044AI Datasheet HTML 24Page - Texas Instruments TUSB1044AI Datasheet HTML 25Page - Texas Instruments TUSB1044AI Datasheet HTML 26Page - Texas Instruments TUSB1044AI Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
7.3.5 Receiver Linear Equalization
The purpose of receiver equalization is to compensate for channel insertion loss and inter-symbol interference
in the system. The receiver overcomes these losses by attenuating the low-frequency components of the
signals with respect to the high-frequency components. Select the proper gain setting to match the channel
insertion loss. Two 4-level input pins enable up to 16 possible equalization settings. The upstream path
and the downstream path each have two 4-level inputs for equalization settings; UEQ[1:0] and DEQ[1:0]
respectively. The TUSB1044A also provides the flexibility of adjusting equalization settings through I2C registers
URX[2:1]EQ_SEL, UTX[2:1]EQ_SEL, DRX[2:1]EQ_SEL, and DTX[2:1]EQ_SEL for each individual channel and
for each direction (upstream or downstream).
7.4 Device Functional Modes
7.4.1 Device Configuration in GPIO Mode
The TUSB1044A is in GPIO configuration when I2C_EN = 0 or I2C_EN = F. The TUSB1044A supports
operational combinations with USB and two different Type-C Alternate Modes. One combination includes USB
and Alternate Mode DisplayPort, and the other combination includes USB and custom Alternate Mode. For each
operational combination, the data path directions can be further set using the DIR[1:0] pins or through I2C to
enable the device to operate in the source or sink sides. See also Table 7-3.
When the device is set to operate in a USB and Alternate Mode DisplayPort, the following configurations can
be further set: USB3.2 only, two DisplayPort lanes + USB3.2, or four DisplayPort lanes (no USB3.2). The CTL1
pin controls whether DisplayPort mode is enabled. The combination of CTL1 and CTL0 selects between USB3.2
only, twolanes of DisplayPort, or four lanes of DisplayPort as detailed in Table 7-3. The AUXP/N to SBU1/2
mapping is controlled based on Table 7-4.
When the device is set to operate in a USB and custom Alternate Mode, the following configurations can be
further set: USB3.2 only, two channels of custom Alternate Mode + USB3.2, or four channels of custom Alternate
Mode (no USB3.2). The CTL1 pin controls whether custom Alternate Mode is enabled. The combination of CTL1
and CTL0 selects between USB3.2 only, two channels of custom Alternate Mode, or four channels of custom
Alternate Mode as detailed in Table 7-3. The AUXP/N to SBU1/2 mapping is controlled based on Table 7-4.
Further data path direction control can be achieved using the SWAP pin. When set high, the SWAP pin reverses
the data path direction on all the channels and swaps the equalization settings of the upstream and downstream
facing input ports. This pin can be useful in active cable application with the TUSB1044A installed on only one
end. The SWAP pin can be set based on which cable end is plugged to the source or sink side receptacle
After power-up (VCC from 0V to 3.3V), the TUSB1044A defaults to USB3.2 mode. The USB PD controller, upon
detecting no device attached to Type-C port or USB3.2 operation not required by attached device, must take the
TUSB1044A out of USB3.1 mode by transitioning the CTL0 pin from L to H and back to L.
Table 7-3. GPIO Configuration Control
DIR1
PIN
DIR0
PIN
CTL1
PIN
CTL0
PIN
FLIP
PIN
TUSB1044A CONFIGURATION
VESA® DisplayPort™ ALT
MODE
DFP_D CONFIGURATION
USB + DisplayPort Alternate Mode (Source Side)
L
L
L
L
L
Power Down
L
L
L
L
H
Power Down
L
L
L
H
L
One Port USB 3.2 - No Flip
L
L
L
H
H
One Port USB 3.2 – With Flip
L
L
H
L
L
4-Lane DP - No Flip
C and E
L
L
H
L
H
4-Lane DP – with Flip
C and E
L
L
H
H
L
One Port USB 3.2 + 2-Lane DP- No
Flip
D and F
L
L
H
H
H
One Port USB 3.2 + 2-Lane DP– with
Flip
D and F
USB + DisplayPort Alternate Mode (Sink Side)
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com