Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1044AI Datasheet(PDF) 24 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 20Page - Texas Instruments TUSB1044AI Datasheet HTML 21Page - Texas Instruments TUSB1044AI Datasheet HTML 22Page - Texas Instruments TUSB1044AI Datasheet HTML 23Page - Texas Instruments TUSB1044AI Datasheet HTML 24Page - Texas Instruments TUSB1044AI Datasheet HTML 25Page - Texas Instruments TUSB1044AI Datasheet HTML 26Page - Texas Instruments TUSB1044AI Datasheet HTML 27Page - Texas Instruments TUSB1044AI Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
Table 7-3. GPIO Configuration Control (continued)
DIR1
PIN
DIR0
PIN
CTL1
PIN
CTL0
PIN
FLIP
PIN
TUSB1044A CONFIGURATION
VESA® DisplayPort™ ALT
MODE
DFP_D CONFIGURATION
L
H
L
L
L
Power Down
L
H
L
L
H
Power Down
L
H
L
H
L
One Port USB 3.2 - No Flip
L
H
L
H
H
One Port USB 3.2 – With Flip
L
H
H
L
L
4-Lane DP - No Flip
C and E
L
H
H
L
H
4-Lane DP – With Flip
C and E
L
H
H
H
L
One Port USB 3.2 + 2-Lane DP- No
Flip
D and F
L
H
H
H
H
One Port USB 3.2 + 2-Lane DP– With
Flip
D and F
USB + Custom Alternate Mode (Source Side)
H
L
L
L
L
Power Down
H
L
L
L
H
Power Down
H
L
L
H
L
One Port USB 3.2 - No Flip
H
L
L
H
H
One Port USB 3.2 – With Flip
H
L
H
L
L
4-Channel Custom Alt Mode - No Flip
H
L
H
L
H
4-Channel Custom Alt Mode– With
Flip
H
L
H
H
L
USB 3.2 x2
- No Flip
H
L
H
H
H
USB 3.2 x2
– With Flip
USB + Custom Alternate Mode (Sink Side)
H
H
L
L
L
Power Down
-
H
H
L
L
H
Power Down
-
H
H
L
H
L
One Port USB 3.2 - No Flip
-
H
H
L
H
H
One Port USB 3.2 – With Flip
-
H
H
H
L
L
4-Channel Custom Alt Mode - No Flip
-
H
H
H
L
H
4-Channel Custom Alt Mode– With
Flip
-
H
H
H
H
L
USB 3.2 x2
- No Flip
-
H
H
H
H
H
USB 3.2 x2
– With Flip
-
Table 7-4. GPIO AUXP/N to SBU1/2 Mapping
CTL1 PIN
FLIP PIN
MAPPING
H
L
AUXP -> SBU1
AUXN -> SBU2
H
H
AUXP -> SBU2
AUXN -> SBU1
L > 2ms
X
Open
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com