Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1044AI Datasheet(PDF) 35 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 35 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 31Page - Texas Instruments TUSB1044AI Datasheet HTML 32Page - Texas Instruments TUSB1044AI Datasheet HTML 33Page - Texas Instruments TUSB1044AI Datasheet HTML 34Page - Texas Instruments TUSB1044AI Datasheet HTML 35Page - Texas Instruments TUSB1044AI Datasheet HTML 36Page - Texas Instruments TUSB1044AI Datasheet HTML 37Page - Texas Instruments TUSB1044AI Datasheet HTML 38Page - Texas Instruments TUSB1044AI Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
Table 7-6. I2C Configuration Control (continued)
Registers
TUSB1044A
Configuration
VESA® DisplayPort™ Alt
Mode
DFP_D Configuration
USB32_BY
2_EN
DIRSEL1
DIRSEL0
CTLSEL1
CTLSEL0
FLIPSEL
H
H
H
L
H
L
One Port USB 3.2x2 – No
Flip
H
H
H
L
H
H
One Port USB 3.2x2 –
With Flip
X
H
H
H
L
L
4-Channel Custom Alt
Mode – No Flip
X
H
H
H
L
H
4-Channel Custom Alt
Mode – With Flip
X
H
H
H
H
L
One Port USB 3.2x2 – No
Flip
X
H
H
H
H
H
One Port USB 3.2x2 –
With Flip
Table 7-7. I2C AUXP/N to SBU1/2 Mapping
Registers
AUX_SBU_OVR
CTLSEL1
FLIPSEL
Mapping
00
H
L
AUXp -> SBU1
AUXn -> SBU2
00
H
H
AUXp -> SBU2
AUXn -> SBU1
00
L
X
Open
01
X
X
AUXp -> SBU1
AUXn -> SBU2
10
X
X
AUXp -> SBU2
AUXn -> SBU1
11
X
X
Open
7.4.3 DisplayPort Mode
The TUSB1044A supports up to four DisplayPort lanes at data rates up to 10.0Gbps. TUSB1044A can be
enabled for DisplayPort through GPIO control or through I2C register control. When in GPIO mode, DisplayPort
is controlled based on Table 7-3. When not in GPIO mode, enable of DisplayPort functionality is controlled
through I2C registers.
7.4.4 Custom Alternate Mode
The TUSB1044A supports up to two lanes (or four channels) of custom Alternate Mode at data rates up to
10Gbps. The TUSB1044A can be enabled for custom Alternate Mode through GPIO control or through I2C
register control. Custom Alternate mode is not supported for GPIO mode which has AUX snoop disabled. When
in GPIO mode, custom Alternate Mode is controlled based on Table 7-3. When not in GPIO mode, enable of
custom Alternate Mode functionality is controlled through I2C registers. In I2C mode, the operation of this mode
requires leaving AUX_SNOOP_DISABLE register 13h bit 7 at 0.
7.4.5 Linear EQ Configuration
TUSB1044A receiver lanes have controls for receiver equalization for upstream and downstream facing ports.
The receiver equalization gain value can be controlled either through I2C registers or through GPIOs. Table 7-8
details the gain value for each available combination when TUSB1044A is in GPIO mode. These same options
are also available per channel and for upstream and downstream facing ports in I2C mode by updating registers
URX[2:1]EQ_SEL, UTX[2:1]EQ_SEL, DRX[2:1]EQ_SEL, and DTX[2:1]EQ_SEL.
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com