Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1044AI Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 4Page - Texas Instruments TUSB1044AI Datasheet HTML 5Page - Texas Instruments TUSB1044AI Datasheet HTML 6Page - Texas Instruments TUSB1044AI Datasheet HTML 7Page - Texas Instruments TUSB1044AI Datasheet HTML 8Page - Texas Instruments TUSB1044AI Datasheet HTML 9Page - Texas Instruments TUSB1044AI Datasheet HTML 10Page - Texas Instruments TUSB1044AI Datasheet HTML 11Page - Texas Instruments TUSB1044AI Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I2C Control Pins SCL, SDA
VIH-3.3V
High-level input voltage
VCC = 3.3V; VIO_SEL = "0" or "F"; I2C
Mode Enabled;
2
3.6
V
VIL-3.3V
Low-level input voltage
VCC = 3.3V; VIO_SEL = "0" or "F"; I2C
Mode Enabled;
0
0.8
V
VIH-1.8V
High-level input voltage
VCC = 3.3V; VIO_SEL = "R" or "1"; I2C
Mode Enabled;
1.2
3.6
V
VIL-1.8V
Low-level input voltage
VCC = 3.3V; VIO_SEL = "R" or "1"; I2C
Mode Enabled;
0
0.4
V
VOL
Low-level output voltage
I2C_EN ! = "0"; IOL = 3mA
0
0.4
V
IOL
Low-level output current
I2C_EN ! = "0"; VOL = 0.4V
20
mA
II_I2C
Input current on SDA pin
0.1 × VI2C < Input voltage < 3.3V
–10
10
µA
Ci_I2C
Input capacitance
0.5
5
pF
USB Gen 2 Differential Receiver (UTX1P/N, UTX2P/N, DRX1P/N, DRX2P/N)
VRX-DIFF-
PP
Input differential peak-peak voltage
swing dynamic range
AC-coupled differential peak-to-peak
signal measured post CTLE through a
reference channel
2000
mVpp
VRX-DC-
CM
Common-mode voltage bias in the
receiver (DC)
0
V
RRX-DIFF-
DC
Differential input impedance (DC)
Present after a GEN 2 device is detected
on TXP/TXN
72
120
Ω
RRX-CM-
DC
Receiver DC common-mode impedance
Present after a GEN 2 device is detected
on TXP/TXN
18
30
Ω
ZRX-HIGH-
IMP-DC-
POS
Common-mode input impedance with
termination disabled (DC)
Present when no GEN 2 device is
detected on TXP/TXN. Measured over the
range of 0V to 500mV with respect to
GND.
25
VSIGNAL-
DET-DIFF-
PP
Input differential peak-to-peak signal
detect assert level
10Gbps PRBS7 pattern; low loss input
channel;
80
mV
VRX-IDLE-
DET-DIFF-
PP
Input differential peak-to-peak signal
detect deassert level
10Gbps PRBS7 pattern; low loss input
channel;
60
mV
VRX-LFPS-
DET-DIFF-
PP
Low-frequency Periodic Signaling (LFPS)
Detect Threshold
Below the minimum is squelched.
100
300
mV
CRX
RX input capacitance to GND
At 5GHz
0.3
pF
RLRX-DIFF Differential return loss
50MHz to 2.5GHz at 90Ω
–13
dB
RLRX-DIFF Differential return loss
5GHz at 90Ω
–12
dB
RLRX-CM Common-mode return loss
50MHz to 5GHz at 90Ω
–10.5
dB
EQSSP
Receiver equalization at maximum setting UEQ[1:0] and DEQ[1:0] at 5GHz.
10
dB
USB Gen 2 Differential Transmitter (DTX1P/N, DTX2P/N, URX1P/N, URX2P/N)
VTX-DIFF-
PP
Transmitter dynamic differential voltage
swing range
1500
mVpp
VTX-RCV-
DETECT
Amount of voltage change allowed during
Receiver Detection
At 3.3V
600
mV
VTX-CM-
IDLE-DELTA
Transmitter idle common-mode voltage
change while in U2/U3 and not actively
transmitting LFPS
measured at the connector side of the AC
coupling caps with 50Ω load
–600
600
mV
VTX-DC-
CM
Common-mode voltage bias in the
transmitter (DC)
1.75
2.3
V
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com