Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C961AVC Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM79C961AVC
Description  PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C961AVC Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM79C961AVC Datasheet HTML 27Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 28Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 29Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 30Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 31Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 32Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 33Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 34Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 206 page
background image
Am79C961A
31
PIN DESCRIPTION:
NETWORK INTERFACES
AUI
CI+, CI–
Control Input
Input
This is a differential input pair used to detect Collision
(Signal Quality Error Signal).
DI+, DI–
Data In
Input
This is a differential receive data input pair to the PC-
net-ISA II controller.
DO+, DO–
Data Out
Output
This is a differential transmit data output pair from the
PCnet-ISA II controller.
Twisted Pair Interface
RXD+, RXD–
Receive Data
Input
This is the 10BASE-T port differential receive input
pair.
TXD+, TXD–
Transmit Data
Output
These are the 10BASE-T port differential transmit
drivers.
TXP+, TXP–
Transmit Predistortion Control
Output
These are 10BASE-T transmit waveform pre-distortion
control differential outputs.
PIN DESCRIPTION:
IEEE 1149.1 (JTAG) TEST ACCESS PORT
TCK
Test Clock
Input
This is the clock input for the boundary scan test mode
operation. TCK can operate up to 10 MHz. TCK does
not have an internal pull-up resistor and must be con-
nected to a valid TTL level of high or low. TCK must not
be left unconnected.
TDI
Test Data Input
Input
This is the test data input path to the PCnet-ISA II con-
troller. If left unconnected, this pin has a default value
of HIGH.
TDO
Test Data Output
Output
This is the test data output path from the PCnet-ISA II
controller. TDO is tri-stated when JTAG port is inactive.
TMS
Test Mode Select
Input
This is a serial input bit stream used to define the spe-
cific boundary scan test to be executed. If left uncon-
nected, this pin has a default value of HIGH.
PIN DESCRIPTION:
POWER SUPPLIES
All power pins with a “D” prefix are digital pins con-
nected to the digital circuitry and digital I/O buffers. All
power pins with an “A” prefix are analog power pins
connected to the analog circuitry. Not all analog pins
are quiet and special precaution must be taken when
doing board layout. Some analog pins are more noisy
than others and must be separated from the other
analog pins.
AVDD1–4
Analog Power (4 Pins)
Power
Supplies power to analog portions of the PCnet-ISA II
controller. Special attention should be paid to the
printed circuit board layout to avoid excessive noise on
these lines.
AVSS1–2
Analog Ground (2 Pins)
Power
Supplies ground reference to analog portions of PC-
net-ISA II controller. Special attention should be paid to
the printed circuit board layout to avoid excessive noise
on these lines.
DVDD1–7
Digital Power (7 Pins)
Power
Supplies power to digital portions of PCnet-ISA II con-
troller. Four pins are used by Input/Output buffer drivers
and two are used by the internal digital circuitry.
DVSS1–13
Digital Ground (13 Pins)
Power
Supplies ground reference to digital portions of PC-
net-ISA II controller. Ten pins are used by Input/Output
buffer drivers and two are used by the internal digital
circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com