Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C961AVC Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM79C961AVC
Description  PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C961AVC Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM79C961AVC Datasheet HTML 48Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 49Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 50Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 51Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 52Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 53Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 54Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 55Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 206 page
background image
52
Am79C961A
Plug and Play ISA Card State Transitions
Notes:
1. CSN = Card Select Number.
2. RESET_DRV causes a state transition from the current state to Wait for Key and sets all CSNs to
zero. All logical devices are set to their power-up configuration values.
3. The Wait for Key command causes a state transition from the current state to Wait for Key.
Power up
RESET_DRV
State
Active Commands
Initiation Key
Set CSN = 0
Wait for Key
no active commands
State
Active Commands
Sleep
Reset
Wait for Key
Wake[CSN]
State
Active Commands
Isolation
Reset
Wait for Key
Set RD_DATA Port
Serial Isolation
Wake[CSN]
State
Active Commands
Config
Reset
Wait for Key
Wake[CSN]
Resource Data
Status
Logical Device
I/O Range Check
Activate
Configuration Registers
Set CSN
Lose serial location OR
(WAKE <> CSN)
WAKE <> CSN
19364B-13
Plug and Play Registers
The PCnet-ISA II controller supports all of the defined
Plug and Play card control registers. Refer to the tables
on the following pages for detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com