Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C961AVC Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM79C961AVC
Description  PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C961AVC Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM79C961AVC Datasheet HTML 49Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 50Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 51Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 52Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 53Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 54Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 55Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 56Page - Advanced Micro Devices AM79C961AVC Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 206 page
background image
Am79C961A
53
Plug and Play Standard Registers
Name
Address
Port Value
Definition
Set RD_DATA Port
0x00
Writing to this location modifies the address of the port used for reading from the
Plug and Play ISA cards. Bits[7:0] become I/O read port address bits [9:2].
Reads from this register are ignored. I/O Address bits 11:10 should = 00, and 1:0 = 11.
Serial Isolation
0x01
A read to this register causes a Plug and Play card in the Isolation state to
compare one bit of the board’s ID. This process is fully described above. This
register is read only.
Config Control
0x02
Bit[0] - Reset all logical devices and restore configuration registers to their
power-up values.
Bit[1] - Return to the Wait for Key state
Bit[2] - Reset CSN to 0
A write to bit[0] of this register performs a reset function on all logical devices.
This resets the contents of configuration registers to their default state. All card’s
logical devices enter their default state and the CSN is preserved.
A write to bit[1] of this register causes all cards to enter the Wait for Key state but
all CSNs are preserved and logical devices are not affected.
A write to bit[2] of this register causes all cards to reset their CSN to zero.
This register is write-only. The values are not sticky, that is, hardware will
automatically clear them and there is no need for software to clear the bits.
Wake[CSN]
0x03
A write to this port will cause all cards that have a CSN that matches the write
data[7:0] to go from the Sleep state to either the Isolation state if the write data
for this command is zero or the Config state if the write data is not zero. This
register is write-only. Writing to this register resets the EEPROM pointer to the
beginning of the Plug and Play Data Structure.
Resource Data
0x04
A read from this address reads the next byte of resource information. The Status
register must be polled until bit[0] is set before this register may be read. This
register is read-only.
Status
0x05
Bit[0] when set indicates it is okay to read the next data byte from the Resource
Data register. This register is read-only.
Card Select Number
0x06
A write to this port sets a card’s CSN. The CSN is a value uniquely assigned to
each ISA card after the serial identification process so that each card may be
individually selected during a Wake [CSN] command. This register is read/write.
Logical Device Number
0x07
Selects the current logical device. This register is read only. The PCnet-ISA II
controller has only 1 logical device, and this register contains a value of 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com