Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6LE2 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # T6LE2
Description  Gate Driver for TFT LCD Panels
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T6LE2 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  T6LE2 Datasheet HTML 1Page - Toshiba Semiconductor T6LE2 Datasheet HTML 2Page - Toshiba Semiconductor T6LE2 Datasheet HTML 3Page - Toshiba Semiconductor T6LE2 Datasheet HTML 4Page - Toshiba Semiconductor T6LE2 Datasheet HTML 5Page - Toshiba Semiconductor T6LE2 Datasheet HTML 6Page - Toshiba Semiconductor T6LE2 Datasheet HTML 7Page - Toshiba Semiconductor T6LE2 Datasheet HTML 8Page - Toshiba Semiconductor T6LE2 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
T6LE2
2006-09-20
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
T6LE2
Gate Driver for TFT LCD Panels
The T6LE2 is a 300
/ 263 / 256-channel output gate driver for
TFT LCD panels.
Features
• LCD drive output pins
: Switchable 300
/ 263 / 256 pins
• LCD drive voltage
: max 43.5 V
• Data transfer method
: Bidirectional shift register
• Operating temperature
: −20 to 75°C
• Package
: COF
Application
Module for PC monitors, LCDs for TV and Module for amusement
Please contact Toshiba or a distributor for
the latest COF specification and product
line-up.
COF (Chip On Film)
User Area Pitch
IN
OUT
T6LE2
Unit: mm


Similar Part No. - T6LE2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T6L24 TOSHIBA-T6L24 Datasheet
213Kb / 12P
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC SOURCE DRIVER FOR TFT LCD PANELS
T6L245ES TOSHIBA-T6L245ES Datasheet
213Kb / 12P
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC SOURCE DRIVER FOR TFT LCD PANELS
T6L24SDN TOSHIBA-T6L24SDN Datasheet
213Kb / 12P
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC SOURCE DRIVER FOR TFT LCD PANELS
T6L37A TOSHIBA-T6L37A Datasheet
258Kb / 15P
Source Driver for TFT LCD Panels
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
Gate Driver for TFT LCD Panels
More results

Similar Description - T6LE2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN838898 PANASONIC-MN838898 Datasheet
279Kb / 20P
CMOS LSI source driver for color TFT LCD panels
logo
Toshiba Semiconductor
T6L37A TOSHIBA-T6L37A Datasheet
258Kb / 15P
Source Driver for TFT LCD Panels
JBT6K47-AS TOSHIBA-JBT6K47-AS Datasheet
231Kb / 22P
Source Driver for TFT LCD Panels
BT6K48-AS TOSHIBA-BT6K48-AS Datasheet
184Kb / 18P
Gate Driver for TFT LCD Panel
JBT6L77-AS TOSHIBA-JBT6L77-AS Datasheet
222Kb / 20P
Source Driver for TFT LCD Panels
JBT6L78-AS TOSHIBA-JBT6L78-AS Datasheet
164Kb / 14P
Gate Driver for TFT LCD Panel
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
Gate Driver for TFT LCD Panels
logo
Richtek Technology Corp...
RT6908 RICHTEK-RT6908 Datasheet
429Kb / 22P
PMIC for TFT LCD TV Panels
logo
Renesas Technology Corp
ISL24010 RENESAS-ISL24010 Datasheet
501Kb / 9P
Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com