Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6LE2 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # T6LE2
Description  Gate Driver for TFT LCD Panels
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T6LE2 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button T6LE2 Datasheet HTML 4Page - Toshiba Semiconductor T6LE2 Datasheet HTML 5Page - Toshiba Semiconductor T6LE2 Datasheet HTML 6Page - Toshiba Semiconductor T6LE2 Datasheet HTML 7Page - Toshiba Semiconductor T6LE2 Datasheet HTML 8Page - Toshiba Semiconductor T6LE2 Datasheet HTML 9Page - Toshiba Semiconductor T6LE2 Datasheet HTML 10Page - Toshiba Semiconductor T6LE2 Datasheet HTML 11Page - Toshiba Semiconductor T6LE2 Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
T6LE2
2006-09-20
11
Power Supply Sequence
Turn power on in the order VDD → VEE → Input signal → VGG. Turn power off in th reverse order.
However, if can be turned off at the same time, VGG, VDD, Input signals and VEE under the condition of
VEE ≤ VSS ≤ Input signals ≤ VDD ≤ VGG.
The T6LE2 has a self Power on reset function. Keep the reset period : TrG ≥ 10μs
Instruction for operating circumstances
• Light striking a semiconductor device can generate electromotive force due to photoelectric effects. In some cases
this may cause the device to malfunction.
This is more likely to be affected for the devices in which the surface (back), or side of the chip is exposed. At the
design phase, please make sure that devices are protected against incident light from external sources. Please take
into account of incident light from external sources during actual operation and during inspection.
• Polyimide base film is hard and thin. Be careful not to injure yourself on the film or to scratch any other parts with the
film. Please design and manufacture products so that there is no chance of users touching the film after assembly, or
if they do that, there is no chance of them injuring themselves. When cutting out the film, please ensure that the film
shavings do not cause accidents. After use, please treat the leftover film and reel spacers as industrial waste.
VDD
VGG
VEE
VSS
TrG
tpdON
50%
50%
tpdON
VGG
G1 to G300
XDON
50%
50%
VEE
twON
50%
50%
50%
50%
Input
OE
L/R, CPVL/R
Output
OE
L/R, CPVL/R
tdlO
tdlO
20%
tfIN
20%
80%
trIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com