Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6LE2 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # T6LE2
Description  Gate Driver for TFT LCD Panels
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T6LE2 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button T6LE2 Datasheet HTML 4Page - Toshiba Semiconductor T6LE2 Datasheet HTML 5Page - Toshiba Semiconductor T6LE2 Datasheet HTML 6Page - Toshiba Semiconductor T6LE2 Datasheet HTML 7Page - Toshiba Semiconductor T6LE2 Datasheet HTML 8Page - Toshiba Semiconductor T6LE2 Datasheet HTML 9Page - Toshiba Semiconductor T6LE2 Datasheet HTML 10Page - Toshiba Semiconductor T6LE2 Datasheet HTML 11Page - Toshiba Semiconductor T6LE2 Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
T6LE2
2006-09-20
10
AC Characteristics
VGG − VEE = 30.0 to 43.5 V, VDD = 2.3 to 3.6 V, VSS = 0 V, Ta = −20 to 75°C
trIN = 100ns (Max)、tfIN = 100ns (Max)
Parameter
Symbol
Test
circuit
Test Conditions
Min
Max
Unit
Clock frequency
tCPV
⎯
⎯
⎯
150
kHz
CPV pulse width (H)
tCPVH
⎯
⎯
500
⎯
CPV pulse width (L)
tCPVL
⎯
⎯
500
⎯
Data set-up time
tsDI
⎯
⎯
200
⎯
Data hold time
thDI
⎯
⎯
200
⎯
ns
OE enable time
twOE
⎯
⎯
1
⎯
Display-ON pulse width
twON
⎯
CL = 300 pF
100
⎯
μs
Output delay time (1)
tpdDO
⎯
CL = 30 pF
⎯
250
Output delay time (2)
tpdG
⎯
CL = 300 pF
⎯
800
Output delay time (3)
tpdOE
⎯
CL = 300 pF
⎯
800
ns
Output delay time (4)
tpdON
⎯
CL = 300 pF
⎯
10
μs
Output delay time (5)
tdlO
⎯
CL = 30 pF
⎯
50
ns
CPVL/R
tsDI
thDI
DI/O, DO/I
(Input)
VGG
50%
50%
50%
50%
50%
50%
50%
G1
tpdG
50%
tpdG
50%
VEE
G2 to G300
tpdG
50%
tpdG
50%
VGG
VEE
CPVL/R
DO/I, DI/O
(Output)
VGG
50%
50%
G300
tpdDO
50%
tpdDO
50%
VEE
VGG
50%
50%
G1 to G300
VEE
tpdOE
50%
tpdOE
50%
OE
tCPVH
tCPVL
twOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com