Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS210KN Datasheet(PDF) 1 Page - Rohm

Part # SCS210KN
Description  SiC Schottky Barrier Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS210KN Datasheet(HTML) 1 Page - Rohm

  SCS210KN Datasheet HTML 1Page - Rohm SCS210KN Datasheet HTML 2Page - Rohm SCS210KN Datasheet HTML 3Page - Rohm SCS210KN Datasheet HTML 4Page - Rohm SCS210KN Datasheet HTML 5Page - Rohm SCS210KN Datasheet HTML 6Page - Rohm SCS210KN Datasheet HTML 7Page - Rohm SCS210KN Datasheet HTML 8Page - Rohm SCS210KN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SCS210KN
SiC Schottky Barrier Diode
lOutline
VR
1200V
TO-263-2L
IF
10A
QC
18nC
lFeatures
lInner circuit
1) Low forward voltage
2) Negligible recovery time/current
3) Temperature independent switching behavior
4) Wide creepage distance = min. 5.10mm
lPackaging specifications
lApplications
Type
Packaging
Embossed tape
・ Factory Automation
Reel size (mm)
330
・ PV Power Conditioner
Tape width (mm)
24
・ Wireless Charger
Basic ordering unit (pcs)
1000
Reverse voltage (repetitive peak)
VRM
1200
V
・ EV Charger Station
Packing code
TRL
Marking
SCS210KN
lAbsolute maximum ratings (T
vj = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Reverse voltage (DC)
VR
1200
V
Continuous forward current
(Tc = 143°C)
IF
10
A
A
Repetitive peak forward current
IFRM
47
A
Surge non-
repetitive forward
current
PW = 10ms sinusoidal, Tvj = 25°C
IFSM
42
A
PW = 10ms sinusoidal, Tvj = 150°C
31
A
PW = 10μs square, T
vj = 25°C
160
PW = 10ms, Tvj = 150°C
4.8
A
2s
Total power dissipation
PD
136
W
i
2t value
PW = 10ms, Tvj = 25°C
∫i2dt
9.0
A
2s
*1 Limited by maximum Tvj and for Max. RthJC.
*2 Tc = 100°C, Tvj = 150°C, Duty cycle = 10% *3 Tc = 25°C
Virtual Junction temperature
Tvj
175
°C
Range of storage temperature
Tstg
-40 to +175
°C
*2
*3
*1
(3)
(1)
(2)
(1) Cathode
(2) Cathode
(3) Anode
(2)
(3)
(1)
1/8
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSQ50244-SCS210KN
27.Sep.2024 - Rev.001
Datasheet
Datasheet


Similar Part No. - SCS210KN

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS210KNHR ROHM-SCS210KNHR Datasheet
3Mb / 10P
Automotive Grade SiC Schottky Barrier Diode
8.Mar.2024 - Rev.003
More results

Similar Description - SCS210KN

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS220AGC ROHM-SCS220AGC Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS220AE ROHM-SCS220AE Datasheet
489Kb / 6P
SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
logo
Toshiba Semiconductor
TRS12N65D TOSHIBA-TRS12N65D Datasheet
163Kb / 5P
SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com