Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS210KN Datasheet(PDF) 4 Page - Rohm

Part # SCS210KN
Description  SiC Schottky Barrier Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS210KN Datasheet(HTML) 4 Page - Rohm

  SCS210KN Datasheet HTML 1Page - Rohm SCS210KN Datasheet HTML 2Page - Rohm SCS210KN Datasheet HTML 3Page - Rohm SCS210KN Datasheet HTML 4Page - Rohm SCS210KN Datasheet HTML 5Page - Rohm SCS210KN Datasheet HTML 6Page - Rohm SCS210KN Datasheet HTML 7Page - Rohm SCS210KN Datasheet HTML 8Page - Rohm SCS210KN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SCS210KN
lElectrical characteristic curves
0.001
0.01
0.1
1
10
1E-6
1E-5
1E-4
1E-3
1E-2
1E-1 1E+0 1E+1
T
c = 25ºC
Single Pulse
0
20
40
60
80
100
120
140
160
25
50
75
100
125
150
175
0
20
40
60
80
100
120
25
50
75
100
125
150
175
Duty increase
Duty =
0.1
0.2
0.5
0.8
D.C.
Fig.5 Typical Transient Thermal Impedance
vs. Pulse Width
Pulse Width : PW [s]
Fig.6 Power Dissipation
Case Temperature : T
c [ºC]
Case Temperature : T
c [ºC]
0
20
40
60
80
100
120
25
50
75
100
125
150
175
Duty =
0.1
0.2
0.5
0.8
D.C.
Duty increase
Fig.7*4 Maximum peak forward current
derating curve I
P - Tc
Fig.8*5 Typical peak forward current
derating curve I
P - Tc (Not guaranteed)
*4 Based on max Vf, max Z
thJC
Valid for switching of above 10kHz,
excluding D.C. curve.
*5 Based on typ Vf, typ Z
thJC
Typical value, not guaranteed
Valid for switching of above 10kHz,
excluding D.C. curve
Case Temperature : T
c [ºC]
4/8
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSQ50244-SCS210KN
27.Sep.2024 - Rev.001
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com