Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS210KN Datasheet(PDF) 3 Page - Rohm

Part # SCS210KN
Description  SiC Schottky Barrier Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS210KN Datasheet(HTML) 3 Page - Rohm

  SCS210KN Datasheet HTML 1Page - Rohm SCS210KN Datasheet HTML 2Page - Rohm SCS210KN Datasheet HTML 3Page - Rohm SCS210KN Datasheet HTML 4Page - Rohm SCS210KN Datasheet HTML 5Page - Rohm SCS210KN Datasheet HTML 6Page - Rohm SCS210KN Datasheet HTML 7Page - Rohm SCS210KN Datasheet HTML 8Page - Rohm SCS210KN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SCS210KN
lElectrical characteristic curves
 
Fig.3 V
R - IR Characteristics
0.001
0.01
0.1
1
10
100
1000
0
500
1000
T
vj increase
T
vj =
175ºC
125C
75ºC
25ºC
-25ºC
0.001
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
Pulsed
T
vj increase
T
vj =
175ºC
125C
75ºC
25ºC
-25ºC
0
2
4
6
8
10
12
14
0.0
1.0
2.0
Pulsed
1
10
100
1000
0.01
0.1
1
10
100
1000
T
vj = 25ºC
f = 1MHz
Fig.1 V
F - IF Characteristics
Forward Voltage : V
F
[V]
Fig.2 V
F - IF Characteristics
Forward Voltage : V
F
[V]
Reverse Voltage : V
R
[V]
Fig.4 V
R - Ct Characteristics
Reverse Voltage : V
R
[V]
T
vj increase
T
vj =
175ºC
125C
75ºC
25ºC
-25ºC
3/8
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSQ50244-SCS210KN
27.Sep.2024 - Rev.001
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com