Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS210KN Datasheet(PDF) 6 Page - Rohm

Part # SCS210KN
Description  SiC Schottky Barrier Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS210KN Datasheet(HTML) 6 Page - Rohm

Back Button SCS210KN Datasheet HTML 2Page - Rohm SCS210KN Datasheet HTML 3Page - Rohm SCS210KN Datasheet HTML 4Page - Rohm SCS210KN Datasheet HTML 5Page - Rohm SCS210KN Datasheet HTML 6Page - Rohm SCS210KN Datasheet HTML 7Page - Rohm SCS210KN Datasheet HTML 8Page - Rohm SCS210KN Datasheet HTML 9Page - Rohm SCS210KN Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SCS210KN
lDimensions (Unit : mm)
4.5±0.2
1.3±0.2
2.70±0.2
C
Seating plane
0.1
S
S
1.15±0.1
0.15±0.15
Gauge plane
0.25
0.76±0.1
2.54
A
0.25M C
B
A
B
1.22±0.1
2.77
10.1±0.3
D1
Minimum creepage distance = 5.1 mm (D1+D2)
Marking Side
6/8
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSQ50244-SCS210KN
27.Sep.2024 - Rev.001
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com