Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U375CEU6GXXX Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32U375CEU6GXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6GXXX Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32U375CEU6GXXX Datasheet HTML 2Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 3Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 4Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 5Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 6Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 7Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 8Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 9Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 222 page
background image
Table 1. STM32U375xx features and peripheral counts
Peripherals
Flash memory (KBytes)
512 (for STM32U375xE) - 1024 (for STM32U375xG)
SRAM (KBytes)
256
OCTOSPI
1 (1)
1
Timers
Advanced
control
1 (16 bit)
General purpose
3 (16 bit) + 3 (32 bit)
Basic
2 (16 bit)
Low power
4
SysTick timer
2
Watchdog
timers
(independent,
window)
2
Communication
interfaces
SPI
2
3
3(2)
3
I2C
2
3
I3C
2
USART
2
UART
1
2
1
2
LPUART
1
SAI
1
FDCAN
1
USB FS
1 host or 1 device
SDMMC
0
1(3)
1
0
1
Audio digital filter (ADF)
1
Real time clock (RTC)
Yes
Tamper pins (legacy/SMPS
package)
2/NA
3/3
NA/3
4/3
NA/3
NA/3
5/4
True random number generator
Yes
HASH
Yes
Public key accelerator (PKA)
ECDSA signature verification
GPIOs (legacy/SMPS package)
25/NA
37/33
NA/35
51/47
NA/52
NA/47
82/79
Wake-up pins(4) (legacy/SMPS
package)
12/NA
17/15
NA/16
18/17
NA/17
NA/15
22/22
Number of I/Os down to 1.08 V
(legacy/SMPS package)
0/NA
0/0
NA/0
0/0
NA/0
NA/14
0/0
Number of capacitive channels
(legacy/SMPS package)
3/NA
6/5
NA/5
12/11
NA/13
NA/5
21/20
ADC
12-bit ADC
2
STM32U375xx
Description
DS14861 - Rev 2
page 6/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com