Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U375CEU6GXXX Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32U375CEU6GXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6GXXX Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32U375CEU6GXXX Datasheet HTML 38Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 39Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 40Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 41Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 42Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 43Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 44Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 45Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 222 page
background image
•
32 32-bit backup registers:
–
The backup registers (TAMP_BKPxR) are implemented in the backup domain that remains powered-
on by VBAT when the VDD power is switched off.
•
Up to five tamper pins for five external tamper detection events:
–
Passive tampers: ultra-low-power edge or level detection with internal pull-up hardware management
–
Configurable digital filter
•
Nine internal tamper events to protect against transient or environmental perturbation attacks
•
Each tamper can be configured in two modes:
–
Confirmed mode: immediate erase of secrets on tamper detection, including backup registers erase
–
Potential mode: most of the secrets erase following a tamper detection are launched by software
•
Any tamper detection can generate an RTC timestamp event.
•
TrustZone® support:
–
Tamper secure or nonsecure configuration
–
Backup registers configuration in three configurable-size areas:
◦
One read/write secure area
◦
One write secure/read nonsecure area
◦
One read/write nonsecure area
•
Tamper configuration and backup registers privilege protection
•
Monotonic counter
3.33
Inter-integrated circuit interface (I2C)
The device embeds three I2C. Refer to Table 13 for the features implementation.
The I2C (inter-integrated circuit) bus interface handles communications between the microcontroller and the serial
I2C bus. It provides multicontroller capability, and controls all I2C bus-specific sequencing, protocol, arbitration,
and timing. It supports Standard-mode (Sm), Fast-mode (Fm) and Fast-mode Plus (Fm+).
The I2C peripheral supports:
•
I2C-bus specification rev 3.0 compatibility:
–
Target and controller modes
–
Multicontroller capability
–
Standard-mode (up to 100 kHz)
–
Fast-mode (up to 400 kHz)
–
Fast-mode Plus (up to 1 MHz)
–
7-bit and 10-bit addressing mode
–
Multiple 7-bit target addresses (2 addresses, 1 with configurable mask)
–
Programmable setup and hold times
–
Easy to use event management
–
Optional clock stretching
–
Software reset
•
System management bus (SMBus) specification rev 3.0 compatibility:
–
Hardware PEC (packet error checking) generation and verification with ACK control
–
Command and data acknowledge control
–
Address resolution protocol (ARP) support
–
SMBus alert
–
Timeouts and idle condition detection
•
Power system management protocol (PMBus) specification rev 1.3 compatibility
•
Independent clock: a choice of independent clock sources allowing the I2C communication speed to be
independent from the PCLK reprogramming
•
Autonomous functionality in Stop modes with wake-up from Stop capability
•
Programmable analog and digital noise filters
•
1-byte buffer with DMA capability
STM32U375xx
Functional overview
DS14861 - Rev 2
page 42/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com