Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U375CEU6GXXX Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32U375CEU6GXXX
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6GXXX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32U375CEU6GXXX Datasheet HTML 6Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 7Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 8Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 9Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 10Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 11Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 12Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 13Page - STMicroelectronics STM32U375CEU6GXXX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 222 page
background image
•
Maintenance operation for software management of cache coherency
•
Error management: detection of unexpected cacheable write access, with optional interrupt raising
3.3
Memory protection unit
The MPU (memory protection unit) is used to manage the CPU accesses to the memory and to prevent one task
to accidentally corrupt the memory or the resources used by any other active task. This memory area is organized
into up to 16 protected areas. The MPU regions and registers are banked across secure and nonsecure states.
The MPU is especially helpful for applications where some critical or certified code must be protected against the
misbehavior of other tasks. It is usually managed by an RTOS (realtime operating system).
If a program accesses a memory location that is prohibited by the MPU, the RTOS can detect it and take action.
In an RTOS environment, the kernel can dynamically update the MPU area setting based on the process to be
executed.
The MPU is optional and can be bypassed for applications that do not need it.
3.4
Embedded flash memory
The devices feature up to 1 Mbyte of embedded flash memory that is available for storing programs and data. The
flash memory supports up to 10 000 cycles.
A 64-bit instruction prefetch is implemented and can optionally be enabled.
The flash memory interface features:
•
Dual-bank operating modes
•
Read-while-write (RWW)
This allows a read operation to be performed from one bank while an erase or program operation is performed to
the other bank. The dual-bank boot is also supported. For 1-MByte devices: each bank contains 128 pages of 4
KBytes. For 512-KByte devices: each bank contains 64 pages of 4 KBytes. The flash memory also embeds 512-
byte OTP (one-time programmable) for user data.
Note:
Program, erase, and option change operations are only allowed in Range 1. An error is reported when those
operations are launched in Range 2.
The option bytes allow the configuration of flexible protections:
•
Readout protection (RDP) to protect the whole memory, has four levels of protection available (see Table 2
and Table 3).
–
Level 0: no readout protection
–
Level 0.5: available only when TrustZone® is enabled
All read/write operations (if no write protection is set) from/to the nonsecure flash memory are
possible. The debug access to secure area is prohibited. Debug access to nonsecure area remains
possible.
–
Level 1: memory readout protection
The flash memory cannot be read from or written to if either the debug features are connected or the
boot in RAM or bootloader are selected. If TrustZone® is enabled, the nonsecure debug is possible
and the boot in SRAM is not possible. Regressions from Level 1 to lower levels can be protected by
password authentication.
–
Level 2: chip readout protection
The debug features (Cortex®-M33 JTAG and serial wire), the boot in RAM and the bootloader
selection are disabled. A secure secret key can be configured in the secure options to allow the
regression capability from Level 2 to Level 1. By default, this Level 2 selection is irreversible. If the
secret key was previously configured in lower RDP levels, the device enables the RDP regression
from Level 2 to Level 1 after password authentication through JTAG/SWD interface.
Note:
In order to reach the best protection level, it is recommended to activate TrustZone® and to set the
RDP Level 2 with password authentication regression enabled.
•
Write protection (WRP) to protect areas against erasing and programming. Two areas per bank can be
selected with 4
‑Kbyte granularity.
STM32U375xx
Functional overview
DS14861 - Rev 2
page 10/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com